Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TIPP115 Fiches technique(PDF) 1 Page - Power Innovations Ltd

No de pièce TIPP115
Description  PNP SILICON POWER DARLINGTONS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POINN [Power Innovations Ltd]
Site Internet  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIPP115 Fiches technique(HTML) 1 Page - Power Innovations Ltd

  TIPP115 Datasheet HTML 1Page - Power Innovations Ltd TIPP115 Datasheet HTML 2Page - Power Innovations Ltd TIPP115 Datasheet HTML 3Page - Power Innovations Ltd TIPP115 Datasheet HTML 4Page - Power Innovations Ltd TIPP115 Datasheet HTML 5Page - Power Innovations Ltd TIPP115 Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TIPP115, TIPP116, TIPP117
PNP SILICON POWER DARLINGTONS
PRODUCT
INFORMATION
1
MAY 1989 - REVISED MARCH 1997
Copyright © 1997, Power Innovations Limited, UK
Information is current as of publication date. Products conform to specifications in accordance
with the terms of Power Innovations standard warranty. Production processing does not
necessarily include testing of all parameters.
q
20 W Pulsed Power Dissipation
q
100 V Capability
q
2 A Continuous Collector Current
q
4 A Peak Collector Current
LP PACKAGE
(TOP VIEW)
MDTRAB
E
C
B
1
2
3
absolute maximum ratings
at 25°C case temperature (unless otherwise noted)
NOTES: 1. This value applies for tp ≤ 0.3 ms, duty cycle ≤ 10%.
2. Derate linearly to 150°C case temperature at the rate of 0.32 W/°C.
3. VCE = 20 V, IC = 1 A, PW = 10 ms, duty cycle ≤ 2%.
RATING
SYMBOL
VALUE
UNIT
Collector-base voltage (IE = 0)
TIPP115
TIPP116
TIPP117
VCBO
-60
-80
-100
V
Collector-emitter voltage (IB = 0)
TIPP115
TIPP116
TIPP117
VCEO
-60
-80
-100
V
Emitter-base voltage
VEBO
-5
V
Continuous collector current
IC
-2
A
Peak collector current (see Note 1)
ICM
-4
A
Continuous base current
IB
-50
mA
Continuous device dissipation at (or below) 25°C case temperature (see Note 2)
Ptot
0.8
W
Pulsed power dissipation (see Note 3)
PT
20
W
Operating junction temperature range
Tj
-55 to +150
°C
Storage temperature range
Tstg
-55 to +150
°C
Lead temperature 3.2 mm from case for 10 seconds
TL
260
°C


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
BDX34 PNP SILICON POWER DARLINGTONS 1  2  3  4  5  More Power Innovations Ltd
TIPP115 PNP SILICON POWER DARLINGTONS 1  2  3  4  5  Transys Electronics
BD896 PNP SILICON POWER DARLINGTONS 1  2  3  4  5  Bourns Electronic Solutions
BDV64 PNP SILICON POWER DARLINGTONS 1  2  3  4  5  More Power Innovations Ltd
BDX34 PNP SILICON POWER DARLINGTONS 1  2  3  4  5  More Bourns Electronic Solutions
BDX54 PNP SILICON POWER DARLINGTONS 1  2  3  4  5  More Power Innovations Ltd
BD646 PNP SILICON POWER DARLINGTONS 1  2  3  4  5  Transys Electronics
BDW84 PNP SILICON POWER DARLINGTONS 1  2  3  4  5  Bourns Electronic Solutions
BD896 PNP SILICON POWER DARLINGTONS 1  2  3  4  5  Transys Electronics
BDW24 PNP SILICON POWER DARLINGTONS 1  2  3  4  5  More Power Innovations Ltd

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn