Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP10NK80Z Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STP10NK80Z
Description  N-channel 800V - 0.78廓 - 9A - TO-220/FP-TO-247 Zener-protected superMESHTM MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP10NK80Z Fiches technique(HTML) 5 Page - STMicroelectronics

  STP10NK80Z_06 Datasheet HTML 1Page - STMicroelectronics STP10NK80Z_06 Datasheet HTML 2Page - STMicroelectronics STP10NK80Z_06 Datasheet HTML 3Page - STMicroelectronics STP10NK80Z_06 Datasheet HTML 4Page - STMicroelectronics STP10NK80Z_06 Datasheet HTML 5Page - STMicroelectronics STP10NK80Z_06 Datasheet HTML 6Page - STMicroelectronics STP10NK80Z_06 Datasheet HTML 7Page - STMicroelectronics STP10NK80Z_06 Datasheet HTML 8Page - STMicroelectronics STP10NK80Z_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
STP10NK80ZFP - STP10NK80Z - STW10NK80Z
Electrical characteristics
5/15
Table 6.
Switching times
Symbol
Parameter
Test condictions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Delay Time
Rise Time
VDD=400 V, ID=4.5A,
RG=4.7Ω, VGS=10V
(see Figure 20)
30
20
ns
ns
td(off)
tf
Turn-off Delay Time
Fall Time
VDD=400 V, ID=4.5A,
RG=4.7Ω, VGS=10V
(see Figure 20)
65
17
ns
ns
Table 7.
Gate-source zener diode
Symbol
Parameter
Test condictions
Min.
Typ.
Max.
Unit
BVGSO
(1)
1.
The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device’s
ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be
applied from gate to source. In this respect the Zener voltage is appropriate to achieve an efficient and
cost-effective intervention to protect the device’s integrity. These integrated Zener diodes thus avoid the
usage of external components.
Gate-Source Breakdown
Voltage
Igs=±1mA
(Open Drain)
30
V
Table 8.
Source drain diode
Symbol
Parameter
Test condictions
Min
Typ.
Max
Unit
ISD
Source-drain current
9
A
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current (pulsed)
36
A
VSD
(2)
2.
Pulsed: pulse duration=300µs, duty cycle 1.5%
Forward on voltage
ISD=9A, VGS=0
1.6
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD=9A,
di/dt = 100A/µs,
VDD=45V, Tj=150°C
645
6.4
20
ns
µC
A


Numéro de pièce similaire - STP10NK80Z_06

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STP10NK80ZFP STMICROELECTRONICS-STP10NK80ZFP Datasheet
458Kb / 11P
   N-CHANNEL 800V - 0.78ohm - 9A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STP10NK80ZFP STMICROELECTRONICS-STP10NK80ZFP Datasheet
444Kb / 17P
   N-channel 800 V, 0.78 Ω, 9 A Zener-protected SuperMESH™ Power MOSFETs in TO-220, TO-220FP and TO-247 packages
Rev 7 March 2012
logo
Inchange Semiconductor ...
STP10NK80ZFP ISC-STP10NK80ZFP Datasheet
303Kb / 2P
   N-Channel Super Junction MOSFET
logo
STMicroelectronics
STP10NK80Z STMICROELECTRONICS-STP10NK80Z_V01 Datasheet
444Kb / 17P
   N-channel 800 V, 0.78 Ω, 9 A Zener-protected SuperMESH™ Power MOSFETs in TO-220, TO-220FP and TO-247 packages
Rev 7 March 2012
More results

Description similaire - STP10NK80Z_06

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STP14NK60Z STMICROELECTRONICS-STP14NK60Z_07 Datasheet
623Kb / 19P
   N-channel 600V - 0.45廓 - 13.5A TO-220/FP-D2/I2PAK-TO-247 Zener-protected SuperMESHTM Power MOSFET
STP10NK80Z STMICROELECTRONICS-STP10NK80Z Datasheet
458Kb / 11P
   N-CHANNEL 800V - 0.78ohm - 9A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STB11NK40Z STMICROELECTRONICS-STB11NK40Z_07 Datasheet
421Kb / 16P
   N-channel 400V - 0.49廓 - 9A TO-220 - TO-220FP - D2PAK Zener-protected SuperMESHTM Power MOSFET
STP8NK80Z STMICROELECTRONICS-STP8NK80Z_07 Datasheet
419Kb / 15P
   N-channel 800V - 1.3廓 - 6.2A - TO-220 /TO-220FP/TO-247 Zener-protected SuperMESH??Power MOSFET
STF13NK50Z STMICROELECTRONICS-STF13NK50Z Datasheet
522Kb / 15P
   N-channel 500 V, 0.40 廓, 11 A TO-220, TO-220FP, TO-247 Zener-protected SuperMESHTM Power MOSFET
STB12NK80Z STMICROELECTRONICS-STB12NK80Z_07 Datasheet
522Kb / 16P
   N-channel 800V - 0.65廓 - 10.5A - TO-220 - D2PAK - TO-247 Zener - Protected SuperMESH??Power MOSFET
STP5N120 STMICROELECTRONICS-STP5N120 Datasheet
186Kb / 10P
   N-channel 1200V - 2.8廓 - 4.4A - TO-220 Zener - protected SuperMESHTM Power MOSFET
STB13NK60Z STMICROELECTRONICS-STB13NK60Z_05 Datasheet
369Kb / 17P
   N-CHANNEL 600V-0.48廓-13A-TO-220/FP-D짼/I짼PAK-TO-247 Zener-Protected SuperMESH??MOSFET
STP15NK50Z STMICROELECTRONICS-STP15NK50Z_07 Datasheet
505Kb / 19P
   N-channel 500V - 0.30廓 - 14A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
STW13NK80Z STMICROELECTRONICS-STW13NK80Z_05 Datasheet
269Kb / 14P
   N-channel 800V - 0.53廓 - 12A - TO-247 Zener-protected SuperMESH??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com