Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KBP151G Fiches technique(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No de pièce KBP151G
Description  Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

KBP151G Fiches technique(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  KBP151G_1 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd KBP151G_1 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (KBP151G THRU KBP157G)
FIG.2- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
0.1
1
10
100
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=125 C
0
Tj=25 C
0
FIG.3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT PER BRIDGE ELEMENT
10
24
6
1
40
60
20
100
10
0
20
30
50
60
40
NUMBER OF CYCLES AT 60Hz
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
20
40
60
80
100
120
140 150
0
2.0
1.5
1.0
0.5
AMBIENT TEMPERATURE. ( C)
o
FIG.5- TYPICAL FORWARD
PER BRIDGE ELEMENT
CHARACTERISTICS
0.6
0.7
0.9
0.8
1.0
1.3
1.1
1.2
1.4
0.01
0.1
1
10
INSTANTANEOUS FORWARD VOLTAGE. (V)
Tj=25 C
PULSE WIDTH-300 S
1% DUTY CYCLE
0
Version: A06
FIG.4- TYPICAL JUNCTION CAPACITANCE
1
2
5
10
20
800
100
1000
600
500
400
300
200
100
0
REVERSE VOLTAGE. (V)
200
500
Tj=25 C
0
50
0.1
0.5


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
KBP151G Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers 1  2  Taiwan Semiconductor Company, Ltd
KBU1001G Single Phase 10 AMPS. Glass Passivated Bridge Rectifiers 1  2  Taiwan Semiconductor Company, Ltd
KBL401G Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers 1  2  Taiwan Semiconductor Company, Ltd
KBU1001G_1 Single Phase 10 AMPS. Glass Passivated Bridge Rectifiers 1  2  Taiwan Semiconductor Company, Ltd
KBP201G Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers 1  2  Taiwan Semiconductor Company, Ltd
KBL401G_1 Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers 1  2  Taiwan Semiconductor Company, Ltd
KBP301G Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers 1  2  Taiwan Semiconductor Company, Ltd
KBU401G Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers 1  2  Taiwan Semiconductor Company, Ltd
KBU601G_1 Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers 1  2  Taiwan Semiconductor Company, Ltd
KBU801G Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers 1  2  Taiwan Semiconductor Company, Ltd

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn