Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R1232D Fiches technique(PDF) 3 Page - RICOH electronics devices division

No de pièce R1232D
Description  PWM STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RICOH [RICOH electronics devices division]
Site Internet  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1232D Fiches technique(HTML) 3 Page - RICOH electronics devices division

  R1232D Datasheet HTML 1Page - RICOH electronics devices division R1232D Datasheet HTML 2Page - RICOH electronics devices division R1232D Datasheet HTML 3Page - RICOH electronics devices division R1232D Datasheet HTML 4Page - RICOH electronics devices division R1232D Datasheet HTML 5Page - RICOH electronics devices division R1232D Datasheet HTML 6Page - RICOH electronics devices division R1232D Datasheet HTML 7Page - RICOH electronics devices division R1232D Datasheet HTML 8Page - RICOH electronics devices division R1232D Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
R1232D
3
SELECTION GUIDE
In the R1232D Series, the output voltage, the oscillator frequency, and the taping type for the ICs can be
selected at the user's request.
The selection can be made with designating the part number as shown below;
R1232Dxx1x-xx-x←Part Number
↑ ↑↑ ↑ ↑
a b c d e
Code
Contents
a
Setting Output Voltage(VOUT):
Stepwise setting with a step of 0.1V in the range of 0.9V to 3.3V is possible for fixed
output version."00" is for Output Voltage Adjustable version
(0.8V as the feedback voltage.)
b
1: fixed
c
Designation of Optional Function
A: 1MHz, Fixed Output Voltage
B: 2.25MHz, Fixed Output Voltage
C: 1MHz, Adjustable Output Voltage
D: 2.25MHz, Adjustable Output Voltage
d
Designation of Taping Type;
(Refer to Taping Specification)"TR" is prescribed as a standard.
e
Designation of Composition of pin plating
-F : Lead free plating


Numéro de pièce similaire - R1232D

FabricantNo de pièceFiches techniqueDescription
logo
Recom International Pow...
R123.3D RECOM-R123.3D Datasheet
83Kb / 2P
   EUROLINE - DC/DC - CONVERTER
logo
RICOH electronics devic...
R1230D RICOH-R1230D Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
R1230D001A RICOH-R1230D001A Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
R1230D001A-TL RICOH-R1230D001A-TL Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
R1230D001A-TR RICOH-R1230D001A-TR Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
More results

Description similaire - R1232D

FabricantNo de pièceFiches techniqueDescription
logo
RICOH electronics devic...
R1234D RICOH-R1234D Datasheet
915Kb / 26P
   PWM/VFM Step-Down DC/DC CONVERTER with Synchronous Rectifier
R1230D RICOH-R1230D Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
logo
Linear Technology
LT1612 LINER-LT1612_1 Datasheet
252Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612_15 Datasheet
257Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612 Datasheet
176Kb / 8P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
logo
List of Unclassifed Man...
RT9226B ETC-RT9226B Datasheet
139Kb / 6P
   SYNCHRONOUS PWM STEP-DOWN DC/DC CONVERTER CONTROLLER
logo
Diodes Incorporated
AP3405 DIODES-AP3405 Datasheet
574Kb / 9P
   600mA Step-down DC/DC Converter with Synchronous Rectifier
AP3403 DIODES-AP3403 Datasheet
598Kb / 9P
   600mA STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
logo
Analog Devices
ADP3051 AD-ADP3051 Datasheet
428Kb / 16P
   500 mA PWM Step-Down DC-DC with Synchronous Rectifier
REV. 0
ADP3051 AD-ADP3051_15 Datasheet
437Kb / 16P
   500 mA PWM Step-Down DC-DC with Synchronous Rectifier
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com