Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

R1154N001C Fiches technique(PDF) 4 Page - RICOH electronics devices division

No de pièce R1154N001C
Description  150mA Voltage Regulator (Wide Input Voltage Range)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RICOH [RICOH electronics devices division]
Site Internet  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1154N001C Fiches technique(HTML) 4 Page - RICOH electronics devices division

  R1154N001C Datasheet HTML 1Page - RICOH electronics devices division R1154N001C Datasheet HTML 2Page - RICOH electronics devices division R1154N001C Datasheet HTML 3Page - RICOH electronics devices division R1154N001C Datasheet HTML 4Page - RICOH electronics devices division R1154N001C Datasheet HTML 5Page - RICOH electronics devices division R1154N001C Datasheet HTML 6Page - RICOH electronics devices division R1154N001C Datasheet HTML 7Page - RICOH electronics devices division R1154N001C Datasheet HTML 8Page - RICOH electronics devices division R1154N001C Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
R1154x
4
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
Rating
Unit
VIN
Input Voltage
26.0
V
VCE
Input Voltage (CE Input Pin)
-0.3 to VIN+0.3
V
VOUT
Output Voltage
-0.3 to VIN+0.3
V
VADJ
Output Voltage (ADJ Pin)
-0.3 to VIN+0.3
V
IOUT
Output Current
250
mA
Power Dissipation (SOT-23-5) *
Note1
420
PD
Power Dissipation (SOT-89-5) *
Note1
900
mV
Topt
Operating Temperature
-40 to +105
°C
Tstg
Storage Temperature
-55 to +125
°C
*Note1) For Power Dissipation please refer to PACKAGE INFORMATION to be described.
ELECTRICAL CHARACTERISTICS
R1154xxxxB
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage
24
V
VOUT
Output Voltage
VIN
=VOUT+2.0V
×0.98
×1.02
V
IOUT
Output Current
VIN
−VOUT=2.0V
Refer to the Output Current Table
ISS
Supply Current
VIN
=VCE
VIN-VOUT=2.0V
5
10
µA
Istandby
Standby Current
VIN
=24V, VCE=0V
0.1
1.0
µA
∆VOUT/
∆IOUT
Load regulation
VIN
−VOUT=2.0V
1mA <
= IOUT <
= 40mA
Refer to the Load Regulation Table
∆VOUT/
∆VIN
Line regulation
IOUT
=20mA
VOUT+1V <
= VIN <
= 24V
0.05
0.20
%/V
VDIF
Dropout Voltage
IOUT
=20mA
Refer to the Dropout Voltage Table
∆VOUT/
∆Topt
Output Voltage
Temperature Coefficient
VIN
−VOUT=2.0V IOUT=20mA
−40°C <
= Topt <
= 105°C
±100
ppm/
°C
Ilim
Short Current Limit
VOUT
=0V
45
mA
VCEH
CE “H” Input Voltage
2.1
VIN
V
VCEL
CE “L” Input Voltage
0.0
0.3
V
TSD
Thermal Shutdown
Temperature
Junction Temperature
150
°C
TSR
Thermal Shutdown
Released Temperature
Junction Temperature
125
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn