Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R1154N001C Fiches technique(PDF) 20 Page - RICOH electronics devices division

No de pièce R1154N001C
Description  150mA Voltage Regulator (Wide Input Voltage Range)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RICOH [RICOH electronics devices division]
Site Internet  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1154N001C Fiches technique(HTML) 20 Page - RICOH electronics devices division

Back Button R1154N001C Datasheet HTML 15Page - RICOH electronics devices division R1154N001C Datasheet HTML 16Page - RICOH electronics devices division R1154N001C Datasheet HTML 17Page - RICOH electronics devices division R1154N001C Datasheet HTML 18Page - RICOH electronics devices division R1154N001C Datasheet HTML 19Page - RICOH electronics devices division R1154N001C Datasheet HTML 20Page - RICOH electronics devices division R1154N001C Datasheet HTML 21Page - RICOH electronics devices division R1154N001C Datasheet HTML 22Page - RICOH electronics devices division R1154N001C Datasheet HTML 23Page - RICOH electronics devices division  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
PACKAGE INFORMATION
PE-SOT-89-5-0611
SOT-89-5
Unit: mm
PACKAGE DIMENSIONS
4.5
±0.1
1.5
±0.1
0.4
±0.1
0.4
±0.1
1.6
±0.2
1.5
±0.1
1.5
±0.1
±0.1
0.42
±0.1
∅1.0 
5
4
12
3
0.42
±0.1
0.47
0.42
±0.1
TAPING SPECIFICATION (T1: Standard Type)
2.5Max.
0.3
±0.1
5.0
8.0
±0.1
4.0
±0.1
2.0
±0.05
∅1.5
+0.1
0
∅1.6±0.1
T1
User Direction of Feed
TAPING REEL DIMENSIONS
REUSE REEL (EIAJ-RRM-12Bc)
(1reel=1000pcs)
2
±0.5
21
±0.8
15.4
±1.0
13
±0.3


Numéro de pièce similaire - R1154N001C

FabricantNo de pièceFiches techniqueDescription
logo
Nisshinbo Micro Devices...
R1154N025-TR-FE NISSHINBO-R1154N025-TR-FE Datasheet
648Kb / 26P
   150 mA Voltage Regulator (Wide Input Voltage Range)
logo
RICOH electronics devic...
R1154N025B-TR-FE RICOH-R1154N025B-TR-FE Datasheet
309Kb / 22P
   150mA Voltage Regulator (Wide Input Voltage Range)
R1154N025C-TR-FE RICOH-R1154N025C-TR-FE Datasheet
309Kb / 22P
   150mA Voltage Regulator (Wide Input Voltage Range)
R1154N050B-TR-FE RICOH-R1154N050B-TR-FE Datasheet
309Kb / 22P
   150mA Voltage Regulator (Wide Input Voltage Range)
R1154N050C-TR-FE RICOH-R1154N050C-TR-FE Datasheet
309Kb / 22P
   150mA Voltage Regulator (Wide Input Voltage Range)
More results

Description similaire - R1154N001C

FabricantNo de pièceFiches techniqueDescription
logo
RICOH electronics devic...
R1154 RICOH-R1154 Datasheet
309Kb / 22P
   150mA Voltage Regulator (Wide Input Voltage Range)
R1514X RICOH-R1514X Datasheet
826Kb / 20P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
Nisshinbo Micro Devices...
R1514X NISSHINBO-R1514X Datasheet
313Kb / 15P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
AP7380 DIODES-AP7380 Datasheet
424Kb / 12P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
AP7381 DIODES-AP7381 Datasheet
672Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
February 2020
AP7383 DIODES-AP7383 Datasheet
412Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
August 2020
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
AP2204 BCDSEMI-AP2204_10 Datasheet
913Kb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
ACE Technology Co., LTD...
ACE504A ACE-ACE504A Datasheet
349Kb / 12P
   Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com