Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP2G07GM Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce 74AUP2G07GM
Description  Low-power dual buffer with open-drain output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP2G07GM Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button 74AUP2G07GM Datasheet HTML 4Page - NXP Semiconductors 74AUP2G07GM Datasheet HTML 5Page - NXP Semiconductors 74AUP2G07GM Datasheet HTML 6Page - NXP Semiconductors 74AUP2G07GM Datasheet HTML 7Page - NXP Semiconductors 74AUP2G07GM Datasheet HTML 8Page - NXP Semiconductors 74AUP2G07GM Datasheet HTML 9Page - NXP Semiconductors 74AUP2G07GM Datasheet HTML 10Page - NXP Semiconductors 74AUP2G07GM Datasheet HTML 11Page - NXP Semiconductors 74AUP2G07GM Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
74AUP2G07_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 12 June 2007
8 of 16
NXP Semiconductors
74AUP2G07
Low-power dual buffer with open-drain output
tpd
propagation delay
nA to nY; see Figure 7
[2]
VCC = 0.8 V
-
26.7
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
4.8
9.0
15.6
4.3
18.8
20.7
ns
VCC = 1.4 V to 1.6 V
4.1
6.7
9.4
3.7
11.8
13.0
ns
VCC = 1.65 V to 1.95 V
3.8
6.8
9.7
3.2
11.0
12.1
ns
VCC = 2.3 V to 2.7 V
3.7
5.2
6.7
3.0
7.1
7.8
ns
VCC = 3.0 V to 3.6 V
3.6
6.4
9.7
2.8
10.4
11.4
ns
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
(85
°C)
Max
(125
°C)


Numéro de pièce similaire - 74AUP2G07GM

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP2G07GM NXP-74AUP2G07GM Datasheet
90Kb / 15P
   Low-power dual buffer with open-drain output
Rev. 04-11 June 2009
logo
Nexperia B.V. All right...
74AUP2G07GM NEXPERIA-74AUP2G07GM Datasheet
261Kb / 17P
   Low-power dual buffer with open-drain output
Rev. 10 - 31 January 2022
More results

Description similaire - 74AUP2G07GM

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP2G07 NXP-74AUP2G07 Datasheet
90Kb / 15P
   Low-power dual buffer with open-drain output
Rev. 04-11 June 2009
logo
Nexperia B.V. All right...
74AXP2G07 NEXPERIA-74AXP2G07 Datasheet
830Kb / 17P
   Low-power dual buffer with open-drain output
74AUP2G07 NEXPERIA-74AUP2G07 Datasheet
261Kb / 17P
   Low-power dual buffer with open-drain output
Rev. 10 - 31 January 2022
logo
NXP Semiconductors
74AXP2G07 PHILIPS-74AXP2G07_15 Datasheet
170Kb / 16P
   Low-power dual buffer with open-drain output
Rev. 1-24 September 2014
74AUP1G07 PHILIPS-74AUP1G07_11 Datasheet
126Kb / 18P
   Low-power buffer with open-drain output
Rev. 5-15 November 2011
74AUP1G07 NXP-74AUP1G07 Datasheet
91Kb / 15P
   Low-power buffer with open-drain output
Rev. 03-17 June 2009
logo
Unisonic Technologies
10N65Z UTC-10N65Z_15 Datasheet
217Kb / 5P
   LOW-POWER BUFFER WITH OPEN-DRAIN OUTPUT
logo
Nexperia B.V. All right...
74AXP1G07 NEXPERIA-74AXP1G07 Datasheet
834Kb / 17P
   Low-power buffer with open-drain output
74AUP1G07 NEXPERIA-74AUP1G07 Datasheet
272Kb / 18P
   Low-power buffer with open-drain output
Rev. 10 - 13 January 2022
logo
NXP Semiconductors
74AUP1G07 NXP-74AUP1G07_10 Datasheet
147Kb / 18P
   Low-power buffer with open-drain output
Rev. 4-2 September 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com