Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LL4933G Fiches technique(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No de pièce LL4933G
Description  1.0AMP Surface Mount Glass Passivated Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LL4933G Fiches technique(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  LL4933G_1 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LL4933G_1 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50
NONINDUCTIVE
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm
RATINGS AND CHARACTERISTIC CURVES (LL4933G THRU LL4937G)
FIG.2- TYPICAL FORWARD CHARACTERISTICS
1.6
1.8
2.0
0.6
0.8
1.0
1.2
1.4
0.03
0.1
0.3
1
10
20
3
0.01
FORWARD VOLTAGE. (V)
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
o
FIG.4- TYPICAL JUNCTION CAPACITANCE
1
10
100
20
10
1
REVERSE VOLTAGE. (V)
Tj=25 C
0
f=1 MHz
Vsig=50mVp-p
FIG.5- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
1000
100
10
1
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
TJ=75 C
0
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
25
0
50
75
100
125
150
175
0.4
0
0.2
0.6
0.8
1.0
AMBIENT TEMPERATURE. ( C)
o
FIG.3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
2
4
10
20
60 80
6
8
40
100
20
10
0
30
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
P.C.B. MONTED ON 0.2X0.2"
(5.0X5.0mm)COPPER AREAS PADS
TJ=75 C
0
1.0 CYCLE
Version: A06
TJ=25 C
0
TJ=125 C
0


Numéro de pièce similaire - LL4933G_1

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
LL4933G TSC-LL4933G Datasheet
67Kb / 2P
   1.0 AMP Surface Mount Glass Passivated Silicon Rectifiers
logo
RFE international
LL4933G RFE-LL4933G Datasheet
123Kb / 1P
   SURFACE MOUNT: General Purpose, Fast Recovery, & Super Fast Recovery
logo
Shenzhen Luguang Electr...
LL4933G LUGUANG-LL4933G Datasheet
218Kb / 2P
   1.0AMP. Surface Mount Glass Plassivated Silicon Rectifiers
logo
RFE international
LL4933G RFE-LL4933G Datasheet
149Kb / 1P
   SURFACE MOUNT: General Purpose, Fast Recovery, & Super Fast Recovery
REV 2001
More results

Description similaire - LL4933G_1

FabricantNo de pièceFiches techniqueDescription
logo
Chongqing Pingwei Enter...
S1AF CHONGQING-S1AF_16 Datasheet
177Kb / 1P
   1.0AMP. GLASS PASSIVATED SURFACE MOUNT RECTIFIERS
logo
Cystech Electonics Corp...
CSMA400XSA CYSTEKEC-CSMA400XSA Datasheet
125Kb / 3P
   1.0Amp. Surface Mount Glass Passivated Type Rectifiers
CSOD400XSF CYSTEKEC-CSOD400XSF Datasheet
136Kb / 3P
   1.0Amp. Surface Mount Glass Passivated Type Rectifiers
1N400XLB CYSTEKEC-1N400XLB Datasheet
138Kb / 3P
   1.0Amp. Glass Passivated Silicon Rectifiers
logo
Taiwan Semiconductor Co...
LL4001G TSC-LL4001G_1 Datasheet
239Kb / 2P
   1.0AMP Surface Mount Glass Plassivated Silicon Rectifiers
logo
Shenzhen Luguang Electr...
LL4933G LUGUANG-LL4933G Datasheet
218Kb / 2P
   1.0AMP. Surface Mount Glass Plassivated Silicon Rectifiers
LL4001G LUGUANG-LL4001G Datasheet
208Kb / 2P
   1.0AMP. Surface Mount Glass Plassivated Silicon Rectifiers
logo
Chongqing Pingwei Enter...
1A1G CHONGQING-1A1G_16 Datasheet
178Kb / 1P
   1.0AMP . GLASS PASSIVATED RECTIFIERS
1N4001SG CHONGQING-1N4001SG_16 Datasheet
178Kb / 1P
   1.0AMP . GLASS PASSIVATED RECTIFIERS
logo
PACELEADER INDUSTRIAL
SM4001 PACELEADER-SM4001 Datasheet
798Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com