Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KBU801 Fiches technique(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

No de pièce KBU801
Description  Single Phase 8.0 AMPS. Silicon Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

KBU801 Fiches technique(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  KBU801 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd KBU801 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 684 -
0
45
.185(4.7)
.165(4.2) .280(7.1)
.260(6.6)
.165(4.2)
.150(3.8)
.052(1.3)
.048(1.2)
.260(6.8)
.180(4.5)
.455(11.3)
.405(10.3)
.085(2.2)
.065(1.7)
.160(4.1)
.140(3.6)
.760(19.3)
MAX
.220(5.6)
.180(4.6)
.70(17.8)
.66(16.8)
1.0(25.4)
MIN
.935(23.7)
.895(22.7)
KBU801 THRU KBU807
Single Phase 8.0 AMPS. Silicon Bridge Rectifiers
Voltage Range
50 to 1000 Volts
Current
8.0 Amperes
Features
UL Recognized File # E-96005
High surge current capability
Ideal for printed circuit board
Reliable low cost construction technique
results in inexpensive product
High temperature soldering guaranteed:
260
℃ / 10 seconds / 0.375” ( 9.5mm )
lead length at 5 lbs., ( 2.3 kg ) tension
Weight: 8 grams
KBU
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol KBU
801
KBU
802
KBU
803
KBU
804
KBU
805
KBU
806
KBU
807
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
V
Maximum Average Forward Rectified Current
@TA = 65
I(AV)
8.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
300
A
Maximum Instantaneous Forward Voltage
@ 8.0A
VF
1.1
V
Maximum DC Reverse Current @ TA=25
at Rated DC Blocking Voltage @ TA=100
IR
10
500
uA
uA
Typical Thermal Resistance (Note 1)
R
θJA
R
θJC
18
3.0
℃/W
Operating Temperature Range
TJ
-55 to +125
Storage Temperature Range
TSTG
-55 to +150
Note: 1. Thermal Resistance from Junction to Ambient and Junction to Case with units Mounted on
2” x 3” x 0.25” Al-Plate.


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
KBP201 Single Phase 2.0 AMPS. Silicon Bridge Rectifiers 1  2  Taiwan Semiconductor Company, Ltd
KBU401 Single Phase 4.0 AMPS. Silicon Bridge Rectifiers 1  2  Taiwan Semiconductor Company, Ltd
KBU401_1 Single Phase 4.0 AMPS. Silicon Bridge Rectifiers 1  2  Taiwan Semiconductor Company, Ltd
KBU601 Single Phase 6.0 AMPS. Silicon Bridge Rectifiers 1  2  Taiwan Semiconductor Company, Ltd
KBU601_1 Single Phase 6.0 AMPS. Silicon Bridge Rectifiers 1  2  Taiwan Semiconductor Company, Ltd
KBL401G Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers 1  2  Taiwan Semiconductor Company, Ltd
KBP201G Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers 1  2  Taiwan Semiconductor Company, Ltd
KBP301G Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers 1  2  Taiwan Semiconductor Company, Ltd
KBU401G Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers 1  2  Taiwan Semiconductor Company, Ltd
KBU601G_1 Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers 1  2  Taiwan Semiconductor Company, Ltd

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn