Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KBU801 Fiches technique(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No de pièce KBU801
Description  Single Phase 8.0 AMPS. Silicon Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

KBU801 Fiches technique(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  KBU801 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd KBU801 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 685 -
RATINGS AND CHARACTERISTIC CURVES (KBU801 THRU KBU807)
FIG.4- TYPICAL REVERSE CHARACTERISTICS
PER BRIDGE ELEMENT
0
20
40
60
80
100
120
140
0.1
1
10
100
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=100 C
0
Tj=25 C
0
FIG.1- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT PER BRIDGE ELEMENT
10
2
5
1
50
20
100
150
50
100
200
250
300
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
TJ=25 C
0
FIG.3- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS PER BRIDGE ELEMENT
0.6
0.7
0.8
0.9
1.0
1.1
1.3
1.2
0.1
0.4
4
40
0.2
2
20
1
10
100
INSTANTANEOUS FORWARD VOLTAGE. (V)
Tj=25 C
PULSE WIDTH-300 S
1% DUTY CYCLE
0
FIG.2- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
50
100
150
0
2
4
6
8
AMBIENT TEMPERATURE. ( C)
o
MOUNTED ON 4X4 INCH
COPPER PC BOARD
0.5" (12.7mm) LEAD LENGTH
0


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
KBP201 Single Phase 2.0 AMPS. Silicon Bridge Rectifiers 1  2  Taiwan Semiconductor Company, Ltd
KBU401 Single Phase 4.0 AMPS. Silicon Bridge Rectifiers 1  2  Taiwan Semiconductor Company, Ltd
KBU401_1 Single Phase 4.0 AMPS. Silicon Bridge Rectifiers 1  2  Taiwan Semiconductor Company, Ltd
KBU601 Single Phase 6.0 AMPS. Silicon Bridge Rectifiers 1  2  Taiwan Semiconductor Company, Ltd
KBU601_1 Single Phase 6.0 AMPS. Silicon Bridge Rectifiers 1  2  Taiwan Semiconductor Company, Ltd
KBL401G Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers 1  2  Taiwan Semiconductor Company, Ltd
KBP201G Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers 1  2  Taiwan Semiconductor Company, Ltd
KBP301G Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers 1  2  Taiwan Semiconductor Company, Ltd
KBU401G Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers 1  2  Taiwan Semiconductor Company, Ltd
KBU601G_1 Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers 1  2  Taiwan Semiconductor Company, Ltd

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn