Moteur de recherche de fiches techniques de composants électroniques |
|
SKY65105 Fiches technique(PDF) 3 Page - Skyworks Solutions Inc. |
|
SKY65105 Fiches technique(HTML) 3 Page - Skyworks Solutions Inc. |
3 / 11 page PRELIMINARY DATA SHEET • SKY65105 POWER AMPLIFIER Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com 200085D • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • July 13, 2007 3 Table 2. SKY65105 Absolute Maximum Ratings Parameter Symbol Min Typical Max Units RF output power POUT 31 dBm Supply voltage (VCC1 and VCC2) VCC 6 V Reference voltage VREF 4 V Case operating temperature TC –40 +85 °C Storage temperature TST –55 +125 °C Note: Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other parameters set at or below their nominal values. Table 3. SKY65105 Recommended Operating Conditions Parameter Symbol Min Typical Max Units Supply voltage (VCC1 and VCC2) VCC 5 V Reference voltage VREF 3.6 V Operating frequency FO 1700 1900 2200 MHz Table 4. SKY65105 Electrical Characteristics (VCC = 5.0 V, VREF = 3.6 V, Frequency = 1900 MHz, TC = 25 °C, unless otherwise noted) Parameter Symbol Test Conditions Min Typical Max Units Analog Inputs Frequency range 1700 1900 2200 MHz Quiescent current IQ 135 170 mA Small signal gain G PIN = –15 dBm 22 23 25 dB Output power POUT PIN = 7 dBm 29 30 dBm Efficiency PAE PIN = 7 dBm 30 37 % Noise Figure (NF) NF 4.5 6.0 dB Output IP3 OIP3 Two tones with 100 kHz spacing, PIN = –1 dBm per tone 38 42 dBm POUT @ ACPR = –45 dBc POUT_ACPR f = 1960 MHz 23 25 dBm POUt @ ACLR = –45 dBc POUT_ACLR f = 2140 MHz 18 20 dBm Note: The above specifications apply only to the 1900 MHz operating frequency. |
Numéro de pièce similaire - SKY65105 |
|
Description similaire - SKY65105 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |