Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BDX54 Fiches technique(PDF) 5 Page - Power Innovations Ltd

No de pièce BDX54
Description  PNP SILICON POWER DARLINGTONS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POINN [Power Innovations Ltd]
Site Internet  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BDX54 Fiches technique(HTML) 5 Page - Power Innovations Ltd

  BDX54 Datasheet HTML 1Page - Power Innovations Ltd BDX54 Datasheet HTML 2Page - Power Innovations Ltd BDX54 Datasheet HTML 3Page - Power Innovations Ltd BDX54 Datasheet HTML 4Page - Power Innovations Ltd BDX54 Datasheet HTML 5Page - Power Innovations Ltd BDX54 Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
MAY 1989 - REVISED MARCH 1997
BDX54, BDX54A, BDX54B, BDX54C
PNP SILICON POWER DARLINGTONS
PRODUCT
INFORMATION
TO-220
3-pin plastic flange-mount package
This single-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic
compound. The compound will withstand soldering temperature with no deformation, and circuit performance
characteristics will remain stable when operated in high humidity conditions. Leads require no additional
cleaning or processing when used in soldered assembly.
MECHANICAL DATA
TO220
ALL LINEAR DIMENSIONS IN MILLIMETERS
ø
1,23
1,32
4,20
4,70
1
2
3
0,97
0,61
see Note C
see Note B
10,0
10,4
2,54
2,95
6,0
6,6
14,55
15,90
12,7
14,1
3,5
6,1
1,07
1,70
2,34
2,74
4,88
5,28
3,71
3,96
0,41
0,64
2,40
2,90
VERSION 2
VERSION 1
NOTES: A. The centre pin is in electrical contact with the mounting tab.
B. Mounting tab corner profile according to package version.
C. Typical fixing hole centre stand off height according to package version.
Version 1, 18.0 mm. Version 2, 17.6 mm.
MDXXBE


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
BDX34 PNP SILICON POWER DARLINGTONS 1  2  3  4  5  More Power Innovations Ltd
TIPP115 PNP SILICON POWER DARLINGTONS 1  2  3  4  5  More Power Innovations Ltd
TIPP115 PNP SILICON POWER DARLINGTONS 1  2  3  4  5  Transys Electronics
BD896 PNP SILICON POWER DARLINGTONS 1  2  3  4  5  Bourns Electronic Solutions
BDV64 PNP SILICON POWER DARLINGTONS 1  2  3  4  5  More Power Innovations Ltd
BDX34 PNP SILICON POWER DARLINGTONS 1  2  3  4  5  More Bourns Electronic Solutions
BD646 PNP SILICON POWER DARLINGTONS 1  2  3  4  5  Transys Electronics
BDW84 PNP SILICON POWER DARLINGTONS 1  2  3  4  5  Bourns Electronic Solutions
TIP105 PNP SILICON POWER DARLINGTONS 1  2  3  4  5  More Power Innovations Ltd
BD896 PNP SILICON POWER DARLINGTONS 1  2  3  4  5  Transys Electronics

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn