Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMP1352 Fiches technique(PDF) 3 Page - Skyworks Solutions Inc.

No de pièce SMP1352
Description  Large Signal Switching, Plastic Packaged PIN Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SKYWORKS [Skyworks Solutions Inc.]
Site Internet  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1352 Fiches technique(HTML) 3 Page - Skyworks Solutions Inc.

  SMP1352 Datasheet HTML 1Page - Skyworks Solutions Inc. SMP1352 Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1352 Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1352 Datasheet HTML 4Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DATA SHEET • SMP1352 SERIES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200052 Rev. C • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • April 22, 2005
3
RR
R
R
R
IF
-55 °C
-15 °C
25 °C
65 °C
100 °C
(mA)
(
Ω)(Ω
Ω)(Ω
Ω)(Ω
Ω)(Ω
Ω)
0.02
260
276
302
263
240
0.1
60.9
64
70.6
71
70.1
0.3
22.4
23.6
26
27.8
28.2
1
7.9
8.5
9.2
10.3
10.7
10
1.5
1.7
1.9
2.2
2.3
20
1.1
1.2
1.3
1.6
1.7
100
0.55
0.69
0.78
0.98
1.03
Resistance vs. Temperature @ 100 MHz
SOD-323
0.090 (2.30 mm) Min.
0.108 (2.74 mm) Max.
0.045 (1.15 mm) Min.
0.053 (1.35 mm) Max.
0.050
(1.25 mm) Max.
0.006
(0.15 mm) Typ.
0.008 (0.20 mm) Nom.
0.004 (0.10 mm) Max.
0.010 (0.25 mm) Min.
0.010
(0.25 mm) Min.
0.016
(0.40 mm) Max.
0.063 (1.60 mm) Min.
0.071 (1.80 mm) Max.
Cathode
Indicator
2
1
SC-79
0.060 (1.50 mm) Min.
0.067 (1.70 mm) Max.
0.010
(0.25 mm) Min.
0.014
(0.35 mm) Max.
0.043 (1.10 mm) Min.
0.051 (1.30 mm) Max.
0.020
(0.50 mm) Min.
0.028
(0.70 mm) Max.
0.003
(0.07 mm) Min.
0.008
(0.20 mm) Max.
10˚ Max.
10˚ Max.
0.028
(0.70 mm) Min.
0.035
(0.90 mm) Max.
0.006 (0.15 mm) Min.
Cathode
Indicator
12
Recommended Solder Reflow Profiles
Refer to the “Recommended Solder Reflow Profile”
Application Note.
Tape and Reel Information
Refer to the “Discrete Devices and IC Switch/Attenuators
Tape and Reel Package Orientation” Application Note.


Numéro de pièce similaire - SMP1352

FabricantNo de pièceFiches techniqueDescription
logo
Alpha Industries
SMP1352 ALPHA-SMP1352 Datasheet
287Kb / 3P
   Large Signal Switching Plastic Packaged PIN Diodes
SMP1352-005 ALPHA-SMP1352-005 Datasheet
287Kb / 3P
   Large Signal Switching Plastic Packaged PIN Diodes
SMP1352-011 ALPHA-SMP1352-011 Datasheet
287Kb / 3P
   Large Signal Switching Plastic Packaged PIN Diodes
SMP1352-079 ALPHA-SMP1352-079 Datasheet
287Kb / 3P
   Large Signal Switching Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1352 SKYWORKS-SMP1352_15 Datasheet
863Kb / 9P
   Large Signal Switching, Plastic Packaged PIN Diodes
More results

Description similaire - SMP1352

FabricantNo de pièceFiches techniqueDescription
logo
Alpha Industries
SMP1352 ALPHA-SMP1352 Datasheet
287Kb / 3P
   Large Signal Switching Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1352 SKYWORKS-SMP1352_15 Datasheet
863Kb / 9P
   Large Signal Switching, Plastic Packaged PIN Diodes
SMP1340 SKYWORKS-SMP1340 Datasheet
407Kb / 5P
   Fast Switching Speed, Low Capacitance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1340 ALPHA-SMP1340 Datasheet
34Kb / 3P
   Fast Switching Speed, Low Capacitance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1340 SKYWORKS-SMP1340_15 Datasheet
744Kb / 8P
   Fast Switching Speed, Low Capacitance, Plastic Packaged PIN Diodes
SMP1322 SKYWORKS-SMP1322_15 Datasheet
879Kb / 9P
   Low Resistance, Plastic Packaged PIN Diodes
SMP1331 SKYWORKS-SMP1331 Datasheet
668Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321_15 Datasheet
776Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1322 SKYWORKS-SMP1322 Datasheet
376Kb / 6P
   Low Resistance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321 Datasheet
109Kb / 6P
   Low Capacitance Plastic Packaged PIN Diodes
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com