Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI5368B-B-GQ Fiches technique(PDF) 9 Page - Silicon Laboratories

No de pièce SI5368B-B-GQ
Description  ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5368B-B-GQ Fiches technique(HTML) 9 Page - Silicon Laboratories

Back Button SI5368B-B-GQ Datasheet HTML 5Page - Silicon Laboratories SI5368B-B-GQ Datasheet HTML 6Page - Silicon Laboratories SI5368B-B-GQ Datasheet HTML 7Page - Silicon Laboratories SI5368B-B-GQ Datasheet HTML 8Page - Silicon Laboratories SI5368B-B-GQ Datasheet HTML 9Page - Silicon Laboratories SI5368B-B-GQ Datasheet HTML 10Page - Silicon Laboratories SI5368B-B-GQ Datasheet HTML 11Page - Silicon Laboratories SI5368B-B-GQ Datasheet HTML 12Page - Silicon Laboratories SI5368B-B-GQ Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Si5368
Preliminary Rev. 0.3
9
13
57
CS0_C3A
CS1_C4A
I/O
LVCMOS
Input Clock Select/CKIN3 or CKIN4 Active Clock Indicator.
If manual clock selection is chosen, and if CKSEL_PIN =1, the
CKSEL pins control clock selection and the CKSEL_REG bits
are ignored.
If CKSEL_PIN =0, the CKSEL_REG register bits control this
function and these inputs tristate. If these pins are not function-
ing as the CS[1:0] inputs and auto clock selection is enabled,
then they serve as the CKIN_n active clock indicator.
0 = CKIN3 (CKIN4) is not the active input clock
1 = CKIN3 (CKIN4) is currently the active input to the PLL
The CKn_ACTV_REG bit always reflects the active clock status
for CKIN_n. If CKn_ACTV_PIN = 1, this status will also be
reflected on the CnA pin with active polarity controlled by the
CK_ACTV_POL bit. If CKn_ACTV_PIN = 0, this output tristates.
This pin has a weak pull-down.
16
17
XA
XB
IANALOG
External Crystal or Reference Clock.
External crystal should be connected to these pins to use exter-
nal oscillator based reference. If a single-ended external refer-
ence is used, ac couple reference clock to XA input and leave
XB pin floating. External reference must be from a high-quality
clock source (TCXO, OCXO). Frequency of crystal or external
clock is set by the RATE pins.
21
FS_ALIGN
I
LVCMOS
FSYNC Alignment Control.
If FSYNC_ALIGN_PIN = 1 and CK_CONFIG = 1, a logic high
on this pin causes the FS_OUT phase to be realigned to the ris-
ing edge of the currently active input sync (CKIN_3 or CKIN_4).
If FSYNC_ALIGN_PIN = 0, this pin is ignored and the
FSYNC_ALIGN_REG bit performs this function.
0 = No realignment.
1 = Realign.
This pin has a weak pull-down.
29
30
CKIN4+
CKIN4–
IMULTI
Clock Input 4.
Differential clock input. This input can also be driven with a sin-
gle-ended signal. CKIN4 serves as the frame sync input associ-
ated with the CKIN2 clock when CK_CONFIG_REG =1.
Table 3. Si5368 Pin Descriptions (Continued)
Pin #
Pin Name
I/O
Signal Level
Description
Note: Internal register names are indicated by underlined italics, e.g. INT_PIN. See Si5368 Register Map.
CS[1:0]
Active Input Clock
00
CKIN1
01
CKIN2
10
CKIN3
11
CKIN4


Numéro de pièce similaire - SI5368B-B-GQ

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI5368B-C-GQ SKYWORKS-SI5368B-C-GQ Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results

Description similaire - SI5368B-B-GQ

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI5319 SILABS-SI5319 Datasheet
257Kb / 16P
   ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5326 SILABS-SI5326 Datasheet
619Kb / 16P
   ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
SI5327 SILABS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5319 SKYWORKS-SI5319 Datasheet
1Mb / 50P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5327 SKYWORKS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5326 SKYWORKS-SI5326 Datasheet
550Kb / 71P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5326C-C-GM SILABS-SI5326C-C-GM Datasheet
381Kb / 72P
   ANY FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com