Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI5367A-B-GQ Fiches technique(PDF) 10 Page - Silicon Laboratories

No de pièce SI5367A-B-GQ
Description  關P-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5367A-B-GQ Fiches technique(HTML) 10 Page - Silicon Laboratories

Back Button SI5367A-B-GQ Datasheet HTML 6Page - Silicon Laboratories SI5367A-B-GQ Datasheet HTML 7Page - Silicon Laboratories SI5367A-B-GQ Datasheet HTML 8Page - Silicon Laboratories SI5367A-B-GQ Datasheet HTML 9Page - Silicon Laboratories SI5367A-B-GQ Datasheet HTML 10Page - Silicon Laboratories SI5367A-B-GQ Datasheet HTML 11Page - Silicon Laboratories SI5367A-B-GQ Datasheet HTML 12Page - Silicon Laboratories SI5367A-B-GQ Datasheet HTML 13Page - Silicon Laboratories SI5367A-B-GQ Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Si5367
10
Preliminary Rev. 0.3
39
40
CKIN3+
CKIN3–
IMULTI
Clock Input 3.
Differential clock input. This input can also be driven with
a single-ended signal. CKIN3 serves as the frame sync
input associated with the CKIN1 clock when
CK_CONFIG_REG =1.
44
45
CKIN1+
CKIN1–
IMULTI
Clock Input 1.
Differential clock input. This input can also be driven with
a single-ended signal.
58
C1A
O
LVCMOS
CKIN1 Active Clock Indicator.
This pin serves as the CKIN1 active clock indicator. The
CK1_ACTV_REG bit always reflects the active clock sta-
tus for CKIN1. If CK1_ACTV_PIN = 1, this status will
also be reflected on the C1A pin with active polarity con-
trolled by the CK_ACTV_POL bit. If
CK1_ACTV_PIN = 0, this output tristates.
59
C2A
O
LVCMOS
CKIN2 Active Clock Indicator.
This pin serves as the CKIN2 active clock indicator. The
CK2_ACTV_REG bit always reflects the active clock sta-
tus for CKIN_2. If CK2_ACTV_PIN = 1, this status will
also be reflected on the C2A pin with active polarity con-
trolled by the CK_ACTV_POL bit. If
CK2_ACTV_PIN = 0, this output tristates.
60
SCL
I
LVCMOS
Serial Clock.
This pin functions as the serial port clock input for both
SPI and I2C modes.
This pin has a weak pull-down.
61
SDA_SDO
I/O
LVCMOS
Serial Data.
In I2C microprocessor control mode (CMODE = 0), this
pin functions as the bidirectional serial data port.In SPI
microprocessor control mode (CMODE = 1), this pin
functions as the serial data output.
68
69
A0
A1
ILVCMOS
Serial Port Address.
In I2C control mode (CMODE = 0), these pins function as
hardware controlled address bits.
In SPI control mode (CMODE = 1), these pins are
ignored.
This pin has a weak pull-down.
70
A2_SS
ILVCMOS
Serial Port Address/Slave Select.
In I2C microprocessor control mode (CMODE = 0), this
pin functions as a hardware controlled address bit.
In SPI microprocessor control mode (CMODE = 1), this
pin functions as the slave select input.
This pin has a weak pull-down.
Table 3. Si5367 Pin Descriptions (Continued)
Pin #
Pin Name
I/O
Signal Level
Description
Note: Internal register names are indicated by underlined italics, e.g. INT_PIN. See Si5368 Register Map.


Numéro de pièce similaire - SI5367A-B-GQ

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
Si5367 SILABS-Si5367 Datasheet
341Kb / 50P
   Pin-Controlled 1_710 MHz Jitter Cleaning Clock
logo
Skyworks Solutions Inc.
SI5367 SKYWORKS-SI5367 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
More results

Description similaire - SI5367A-B-GQ

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI5365 SILABS-SI5365 Datasheet
238Kb / 18P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
SI5325 SILABS-SI5325 Datasheet
228Kb / 14P
   UP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5365 SKYWORKS-SI5365 Datasheet
592Kb / 27P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5322 SKYWORKS-SI5322 Datasheet
344Kb / 24P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5325 SKYWORKS-SI5325 Datasheet
1Mb / 62P
   μP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
logo
Silicon Laboratories
SI5322 SILABS-SI5322 Datasheet
213Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5323 SKYWORKS-SI5323 Datasheet
2Mb / 40P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
SI5323 SILABS-SI5323 Datasheet
647Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5310 SILABS-SI5310 Datasheet
516Kb / 26P
   PRECISION CLOCK MULTIPLIER/REGENERATOR IC
SI5366 SILABS-SI5366 Datasheet
763Kb / 20P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com