Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BDX53 Fiches technique(PDF) 5 Page - Power Innovations Ltd

No de pièce BDX53
Description  NPN SILICON POWER DARLINGTONS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POINN [Power Innovations Ltd]
Site Internet  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BDX53 Fiches technique(HTML) 5 Page - Power Innovations Ltd

  BDX53 Datasheet HTML 1Page - Power Innovations Ltd BDX53 Datasheet HTML 2Page - Power Innovations Ltd BDX53 Datasheet HTML 3Page - Power Innovations Ltd BDX53 Datasheet HTML 4Page - Power Innovations Ltd BDX53 Datasheet HTML 5Page - Power Innovations Ltd BDX53 Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
MAY 1989 - REVISED MARCH 1997
BDX53, BDX53A, BDX53B, BDX53C
NPN SILICON POWER DARLINGTONS
PRODUCT
INFORMATION
TO-220
3-pin plastic flange-mount package
This single-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic
compound. The compound will withstand soldering temperature with no deformation, and circuit performance
characteristics will remain stable when operated in high humidity conditions. Leads require no additional
cleaning or processing when used in soldered assembly.
MECHANICAL DATA
TO220
ALL LINEAR DIMENSIONS IN MILLIMETERS
ø
1,23
1,32
4,20
4,70
1
2
3
0,97
0,61
see Note C
see Note B
10,0
10,4
2,54
2,95
6,0
6,6
14,55
15,90
12,7
14,1
3,5
6,1
1,07
1,70
2,34
2,74
4,88
5,28
3,71
3,96
0,41
0,64
2,40
2,90
VERSION 2
VERSION 1
NOTES: A. The centre pin is in electrical contact with the mounting tab.
B. Mounting tab corner profile according to package version.
C. Typical fixing hole centre stand off height according to package version.
Version 1, 18.0 mm. Version 2, 17.6 mm.
MDXXBE


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
BDT61 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  More Power Innovations Ltd
BDX33 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  More Bourns Electronic Solutions
BDW93 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  Bourns Electronic Solutions
BDV65 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  More Power Innovations Ltd
TIP100 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  More Power Innovations Ltd
BDX53 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  Bourns Electronic Solutions
BDW23 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  More Power Innovations Ltd
BDW83 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  Bourns Electronic Solutions
BDX53C NPN SILICON POWER DARLINGTONS 1  2  3  4  5  Bourns Electronic Solutions
TIP110 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  More Power Innovations Ltd

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn