Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BDX53 Fiches technique(PDF) 3 Page - Power Innovations Ltd

No de pièce BDX53
Description  NPN SILICON POWER DARLINGTONS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POINN [Power Innovations Ltd]
Site Internet  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BDX53 Fiches technique(HTML) 3 Page - Power Innovations Ltd

  BDX53 Datasheet HTML 1Page - Power Innovations Ltd BDX53 Datasheet HTML 2Page - Power Innovations Ltd BDX53 Datasheet HTML 3Page - Power Innovations Ltd BDX53 Datasheet HTML 4Page - Power Innovations Ltd BDX53 Datasheet HTML 5Page - Power Innovations Ltd BDX53 Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
MAY 1989 - REVISED MARCH 1997
BDX53, BDX53A, BDX53B, BDX53C
NPN SILICON POWER DARLINGTONS
PRODUCT
INFORMATION
TYPICAL CHARACTERISTICS
Figure 1.
Figure 2.
Figure 3.
TYPICAL DC CURRENT GAIN
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0·5
1·0
10
40000
100
1000
10000
TCS120AG
T
C = -40°C
T
C =
25°C
T
C = 100°C
V
CE =
3 V
t
p
= 300 µs, duty cycle < 2%
COLLECTOR-EMITTER SATURATION VOLTAGE
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0·5
1·0
10
0
0·5
1·0
1·5
2·0
2·5
3·0
TCS120AH
T
C = -40°C
T
C =
25°C
T
C = 100°C
t
p
= 300 µs, duty cycle < 2%
I
B
= I
C / 100
BASE-EMITTER SATURATION VOLTAGE
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0·5
1·0
10
0·5
1·0
1·5
2·0
2·5
3·0
TCS120AI
T
C = -40°C
T
C =
25°C
T
C = 100°C
I
B
= I
C / 100
t
p
= 300 µs, duty cycle < 2%


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
BDT61 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  More Power Innovations Ltd
BDX33 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  More Bourns Electronic Solutions
BDW93 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  Bourns Electronic Solutions
BDV65 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  More Power Innovations Ltd
TIP100 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  More Power Innovations Ltd
BDX53 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  Bourns Electronic Solutions
BDW23 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  More Power Innovations Ltd
BDW83 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  Bourns Electronic Solutions
BDX53C NPN SILICON POWER DARLINGTONS 1  2  3  4  5  Bourns Electronic Solutions
TIP110 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  More Power Innovations Ltd

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn