Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI3215MPPQ1-EVB Fiches technique(PDF) 11 Page - Silicon Laboratories

No de pièce SI3215MPPQ1-EVB
Description  PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3215MPPQ1-EVB Fiches technique(HTML) 11 Page - Silicon Laboratories

Back Button SI3215MPPQ1-EVB Datasheet HTML 7Page - Silicon Laboratories SI3215MPPQ1-EVB Datasheet HTML 8Page - Silicon Laboratories SI3215MPPQ1-EVB Datasheet HTML 9Page - Silicon Laboratories SI3215MPPQ1-EVB Datasheet HTML 10Page - Silicon Laboratories SI3215MPPQ1-EVB Datasheet HTML 11Page - Silicon Laboratories SI3215MPPQ1-EVB Datasheet HTML 12Page - Silicon Laboratories SI3215MPPQ1-EVB Datasheet HTML 13Page - Silicon Laboratories SI3215MPPQ1-EVB Datasheet HTML 14Page - Silicon Laboratories SI3215MPPQ1-EVB Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 118 page
background image
Si3215
Rev. 0.92
11
Table 4. Linefeed Characteristics
(VDDA, VDDD = 3.13 to 5.25 V, TA = 0 to 70°C for K-Grade, –40 to 85 °C for B-Grade)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Loop Resistance Range
RLOOP
See note.
0
160
DC Loop Current Accuracy
ILIM = 29 mA, ETBA = 4 mA
–10
10
%
DC Open Circuit Voltage
Accuracy
Active Mode; VOC =48V,
VTIP – VRING
–4
4
V
DC Differential Output
Resistance
RDO
ILOOP < ILIM
—160
DC Open Circuit Voltage—
Ground Start
VOCTO
IRING<ILIM; VRING wrt ground
VOC =48 V
–4
4
V
DC Output Resistance—
Ground Start
RROTO
IRING<ILIM; RING to ground
160
DC Output Resistance—
Ground Start
RTOTO
TIP to ground
150
k
Loop Closure/Ring Ground
Detect Threshold Accuracy
ITHR = 11.43 mA
–20
20
%
Ring Trip Threshold
Accuracy
ITHR = 40.64 mA
–10
10
%
Ring Trip Response Time
User Programmable Register 70
and Indirect Register 23
———
Ring Amplitude
VTR
5 REN load; sine wave;
RLOOP =160 Ω, VBAT = –75 V
44
Vrms
Ring DC Offset
ROS
Programmable in Indirect
Register 6
0—
V
Trapezoidal Ring Crest
Factor Accuracy
Crest factor = 1.3
–.05
.05
Sinusoidal Ring Crest
Factor
RCF
1.35
1.45
Ringing Frequency Accuracy
f = 20 Hz
–1
1
%
Ringing Cadence Accuracy
Accuracy of ON/OFF Times
–50
50
ms
Calibration Time
↑CAL to ↓CAL Bit
600
ms
Power Alarm Threshold
Accuracy
At Power Threshold = 300 mW
–25
25
%
Note:
DC resistance round trip; 160
Ω corresponds to 2 kft 26 gauge AWG.


Numéro de pièce similaire - SI3215MPPQ1-EVB

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI3215MPPQ1-EVB SILABS-SI3215MPPQ1-EVB Datasheet
922Kb / 41P
   EVALUATION BOARD FOR THE Si3210/15/16 PROSLIC
More results

Description similaire - SI3215MPPQ1-EVB

FabricantNo de pièceFiches techniqueDescription
logo
Silicon image
SI3210-FT SILICONIMAGE-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3233 SILABS-SI3233 Datasheet
1Mb / 100P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3230 SILABS-SI3230 Datasheet
1Mb / 108P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
List of Unclassifed Man...
SI3210 ETC-SI3210 Datasheet
1Mb / 122P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3210-FT SILABS-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3230M-E-FMR SILABS-SI3230M-E-FMR Datasheet
1Mb / 108P
   PROSLIC PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3206 SILABS-SI3206 Datasheet
213Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
SI3245 SILABS-SI3245 Datasheet
208Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
logo
Silicon image
SI3225-FQ SILICONIMAGE-SI3225-FQ Datasheet
1Mb / 108P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
logo
Silicon Laboratories
SI3220 SILABS-SI3220 Datasheet
1Mb / 112P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com