Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BDX34 Fiches technique(PDF) 3 Page - Power Innovations Ltd

No de pièce BDX34
Description  PNP SILICON POWER DARLINGTONS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POINN [Power Innovations Ltd]
Site Internet  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BDX34 Fiches technique(HTML) 3 Page - Power Innovations Ltd

  BDX34 Datasheet HTML 1Page - Power Innovations Ltd BDX34 Datasheet HTML 2Page - Power Innovations Ltd BDX34 Datasheet HTML 3Page - Power Innovations Ltd BDX34 Datasheet HTML 4Page - Power Innovations Ltd BDX34 Datasheet HTML 5Page - Power Innovations Ltd BDX34 Datasheet HTML 6Page - Power Innovations Ltd BDX34 Datasheet HTML 7Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
AUGUST 1993 - REVISED MARCH 1997
BDX34, BDX34A, BDX34B, BDX34C, BDX34D
PNP SILICON POWER DARLINGTONS
PRODUCT
INFORMATION
Voltage and current values shown are nominal; exact values vary slightly with transistor parameters.
thermal characteristics
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Junction to case thermal resistance
1.78
°C/W
RθJA
Junction to free air thermal resistance
62.5
°C/W
resistive-load-switching characteristics at 25°C case temperature
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ton
Turn-on time
IC = -3 A
VBE(off) = 3.5 V
IB(on) = -12 mA
RL = 10 Ω
IB(off) = 12 mA
tp = 20 µs, dc ≤ 2%
1
µs
toff
Turn-off time
5
µs


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
TIPP115 PNP SILICON POWER DARLINGTONS 1  2  3  4  5  More Power Innovations Ltd
TIPP115 PNP SILICON POWER DARLINGTONS 1  2  3  4  5  Transys Electronics
BD896 PNP SILICON POWER DARLINGTONS 1  2  3  4  5  Bourns Electronic Solutions
BDV64 PNP SILICON POWER DARLINGTONS 1  2  3  4  5  More Power Innovations Ltd
BDX54 PNP SILICON POWER DARLINGTONS 1  2  3  4  5  More Power Innovations Ltd
BDX34 PNP SILICON POWER DARLINGTONS 1  2  3  4  5  More Bourns Electronic Solutions
BD646 PNP SILICON POWER DARLINGTONS 1  2  3  4  5  Transys Electronics
BDW84 PNP SILICON POWER DARLINGTONS 1  2  3  4  5  Bourns Electronic Solutions
TIP105 PNP SILICON POWER DARLINGTONS 1  2  3  4  5  More Power Innovations Ltd
BD896 PNP SILICON POWER DARLINGTONS 1  2  3  4  5  Transys Electronics

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn