Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BDX34 Fiches technique(PDF) 1 Page - Power Innovations Ltd

No de pièce BDX34
Description  PNP SILICON POWER DARLINGTONS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POINN [Power Innovations Ltd]
Site Internet  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BDX34 Fiches technique(HTML) 1 Page - Power Innovations Ltd

  BDX34 Datasheet HTML 1Page - Power Innovations Ltd BDX34 Datasheet HTML 2Page - Power Innovations Ltd BDX34 Datasheet HTML 3Page - Power Innovations Ltd BDX34 Datasheet HTML 4Page - Power Innovations Ltd BDX34 Datasheet HTML 5Page - Power Innovations Ltd BDX34 Datasheet HTML 6Page - Power Innovations Ltd BDX34 Datasheet HTML 7Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BDX34, BDX34A, BDX34B, BDX34C, BDX34D
PNP SILICON POWER DARLINGTONS
PRODUCT
INFORMATION
1
AUGUST 1993 - REVISED MARCH 1997
Copyright © 1997, Power Innovations Limited, UK
Information is current as of publication date. Products conform to specifications in accordance
with the terms of Power Innovations standard warranty. Production processing does not
necessarily include testing of all parameters.
q
Designed for Complementary Use with
BDX33, BDX33A, BDX33B, BDX33C and
BDX33D
q
70 W at 25°C Case Temperature
q
10 A Continuous Collector Current
q
Minimum hFE of 750 at 3 V, 3 A
B
C
E
TO-220 PACKAGE
(TOP VIEW)
Pin 2 is in electrical contact with the mounting base.
MDTRACA
1
2
3
absolute maximum ratings
at 25°C case temperature (unless otherwise noted)
NOTES: 1. Derate linearly to 150°C case temperature at the rate of 0.56 W/°C.
2. Derate linearly to 150°C free air temperature at the rate of 16 mW/°C.
RATING
SYMBOL
VALUE
UNIT
Collector-base voltage (IE = 0)
BDX34
BDX34A
BDX34B
BDX34C
BDX34D
VCBO
-45
-60
-80
-100
-120
V
Collector-emitter voltage (IB = 0)
BDX34
BDX34A
BDX34B
BDX34C
BDX34D
VCEO
-45
-60
-80
-100
-120
V
Emitter-base voltage
VEBO
-5
V
Continuous collector current
IC
-10
A
Continuous base current
IB
-0.3
A
Continuous device dissipation at (or below) 25°C case temperature (see Note 1)
Ptot
70
W
Continuous device dissipation at (or below) 25°C free air temperature (see Note 2)
Ptot
2
W
Operating free air temperature range
TJ
-65 to +150
°C
Storage temperature range
Tstg
-65 to +150
°C
Operating free-air temperature range
TA
-65 to +150
°C


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
TIPP115 PNP SILICON POWER DARLINGTONS 1  2  3  4  5  More Power Innovations Ltd
TIPP115 PNP SILICON POWER DARLINGTONS 1  2  3  4  5  Transys Electronics
BD896 PNP SILICON POWER DARLINGTONS 1  2  3  4  5  Bourns Electronic Solutions
BDV64 PNP SILICON POWER DARLINGTONS 1  2  3  4  5  More Power Innovations Ltd
BDX54 PNP SILICON POWER DARLINGTONS 1  2  3  4  5  More Power Innovations Ltd
BDX34 PNP SILICON POWER DARLINGTONS 1  2  3  4  5  More Bourns Electronic Solutions
BD646 PNP SILICON POWER DARLINGTONS 1  2  3  4  5  Transys Electronics
BDW84 PNP SILICON POWER DARLINGTONS 1  2  3  4  5  Bourns Electronic Solutions
TIP105 PNP SILICON POWER DARLINGTONS 1  2  3  4  5  More Power Innovations Ltd
BD896 PNP SILICON POWER DARLINGTONS 1  2  3  4  5  Transys Electronics

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn