Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI3215-X-GM Fiches technique(PDF) 1 Page - Silicon Laboratories

No de pièce SI3215-X-GM
Description  PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3215-X-GM Fiches technique(HTML) 1 Page - Silicon Laboratories

  SI3215-X-GM Datasheet HTML 1Page - Silicon Laboratories SI3215-X-GM Datasheet HTML 2Page - Silicon Laboratories SI3215-X-GM Datasheet HTML 3Page - Silicon Laboratories SI3215-X-GM Datasheet HTML 4Page - Silicon Laboratories SI3215-X-GM Datasheet HTML 5Page - Silicon Laboratories SI3215-X-GM Datasheet HTML 6Page - Silicon Laboratories SI3215-X-GM Datasheet HTML 7Page - Silicon Laboratories SI3215-X-GM Datasheet HTML 8Page - Silicon Laboratories SI3215-X-GM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 118 page
background image
Rev. 0.92 8/05
Copyright © 2005 by Silicon Laboratories
Si3215
Si3215
PROSLIC® PROGRAMMABLE CMOS SLIC/CODEC WITH
RINGING/BATTERY VOLTAGE GENERATION
Features
Applications
Description
The ProSLIC is a low-voltage CMOS device that provides a complete analog
telephone interface ideal for customer premise equipment (CPE) applications.
The ProSLIC integrates subscriber line interface circuit (SLIC), codec, and battery
generation functionality into a single CMOS integrated circuit. The integrated
battery supply continuously adapts its output voltage to minimize power and
enables the entire solution to be powered from a single 3.3 V (Si3215M only) or
5 V supply. The ProSLIC controls the phone line through Silicon Labs’ Si3201
Linefeed Interface Chip or discrete component line feed. Si3215 features include
software-configurable 5 REN internal ringing up to 90 VPK, DTMF generation, and
a comprehensive set of telephony signaling capabilities including expanded
support of Japan and China country requirements. The ProSLIC is packaged in a
38-pin QFN and TSSOP, and the Si3201 is packaged in a thermally-enhanced 16-
pin SOIC.
Functional Block Diagram
Performs all BORSCHT functions
Software-programmable internal balanced
ringing up to 90 VPK
(5 REN up to 4 kft, 3 REN up to 8 kft)
Integrated battery supply with dynamic
voltage output
On-chip dc-dc converter continuously
minimizes power in all operating modes
Entire solution can be powered from a
single 3.3 V or 5 V supply
3.3 to 35 V dc input range
Dynamic 0 to –94.5 V output
Low-cost inductor and high-efficiency
transformer versions supported
Software-programmable linefeed
parameters:
Ringing frequency, amplitude, cadence,
and waveshape
2-wire ac impedance and hybrid
Constant current feed (20 to 41 mA)
Loop closure and ring trip thresholds and
filtering
Software-programmable signal
generation and audio processing:
Phase-continuous FSK (caller ID)
generation
Dual audio tone generators
Smooth and abrupt polarity reversal
µ-Law/A-Law and 16-bit linear PCM
audio
Extensive test and diagnostic features
Multiple voice loopback test modes
Real time dc linefeed measurement
GR-909 line test capabilities
SPI and PCM bus digital interfaces
Extensive programmable interrupts
100% software-configurable global
solution
Ideal for customer premise equipment
applications
Lead-free and RoHS-compliant packages
available
Voice-over-broadband systems:
DSL, cable, wireless
PBX/IP-PBX/key telephone systems
Terminal adapters:
ISDN, Ethernet, USB
Linefeed
Interface
Control
Interface
PCM
Interface
PLL
Gain/
Attenuation/
Filter
Tone
Generators
Gain/
Attenuation/
Filter
Line
Feed
Control
Line
Status
DC-DC Converter Controller
Prog.
Hybrid
D/A
ZS
A/D
TIP
RING
CS
SCLK
SDO
SDI
DTX
DRX
FSYNC
PCLK
RESET
INT
Si3215
Discrete
Components
U.S. Patent #6,567,521
U.S. Patent #6,812,744
Other patents pending
Ordering Information
See page 111.
Pin Assignments
Si3215
27
28
29
30
31
34 33 32
1
2
3
4
5
6
7
8
9
10
11
12 13
26
25
14
35
36
37
38
15 16 17 18 19
24
23
22
21
20
QFN
DTX
FSYNC
RESET
SDCH
SDCL
VDDA1
IREF
CAPP
QGND
CAPM
STIPDC
SRINGDC
IGMP
IRINGN
IRINGP
VDDA2
ITIPP
ITIPN
VDDD
GNDD
TEST
DCFF
DCDRV
SDITHRU


Numéro de pièce similaire - SI3215-X-GM

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI3215MPPQ1-EVB SILABS-SI3215MPPQ1-EVB Datasheet
922Kb / 41P
   EVALUATION BOARD FOR THE Si3210/15/16 PROSLIC
SI3215MPPQX-EVB SILABS-SI3215MPPQX-EVB Datasheet
922Kb / 41P
   EVALUATION BOARD FOR THE Si3210/15/16 PROSLIC
SI3215PPQ1-EVB SILABS-SI3215PPQ1-EVB Datasheet
922Kb / 41P
   EVALUATION BOARD FOR THE Si3210/15/16 PROSLIC
SI3215PPQX-EVB SILABS-SI3215PPQX-EVB Datasheet
922Kb / 41P
   EVALUATION BOARD FOR THE Si3210/15/16 PROSLIC
More results

Description similaire - SI3215-X-GM

FabricantNo de pièceFiches techniqueDescription
logo
Silicon image
SI3210-FT SILICONIMAGE-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3233 SILABS-SI3233 Datasheet
1Mb / 100P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3230 SILABS-SI3230 Datasheet
1Mb / 108P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
List of Unclassifed Man...
SI3210 ETC-SI3210 Datasheet
1Mb / 122P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3210-FT SILABS-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3230M-E-FMR SILABS-SI3230M-E-FMR Datasheet
1Mb / 108P
   PROSLIC PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3206 SILABS-SI3206 Datasheet
213Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
SI3245 SILABS-SI3245 Datasheet
208Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
logo
Silicon image
SI3225-FQ SILICONIMAGE-SI3225-FQ Datasheet
1Mb / 108P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
logo
Silicon Laboratories
SI3220 SILABS-SI3220 Datasheet
1Mb / 112P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com