Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI8506-B-IM Fiches technique(PDF) 8 Page - Silicon Laboratories

No de pièce SI8506-B-IM
Description  UNIDIRECTIONAL AC CURRENT SENSORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8506-B-IM Fiches technique(HTML) 8 Page - Silicon Laboratories

Back Button SI8506-B-IM Datasheet HTML 4Page - Silicon Laboratories SI8506-B-IM Datasheet HTML 5Page - Silicon Laboratories SI8506-B-IM Datasheet HTML 6Page - Silicon Laboratories SI8506-B-IM Datasheet HTML 7Page - Silicon Laboratories SI8506-B-IM Datasheet HTML 8Page - Silicon Laboratories SI8506-B-IM Datasheet HTML 9Page - Silicon Laboratories SI8506-B-IM Datasheet HTML 10Page - Silicon Laboratories SI8506-B-IM Datasheet HTML 11Page - Silicon Laboratories SI8506-B-IM Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Si85xx
8
Preliminary Rev. 0.1
Integrator reset option 1 is selected by connecting TRST
to VDD. In this mode, the Si85xx is held in reset as long
as the signals on R1-R4 satisfy the logic equations of
Tables 3 and 4. It is typically used in applications where
the gate drivers are external to the system controller I.C.
(the gate driver delay ensures reset is completed prior
to the start of measurement).
Reset option 2 is selected by connecting a timing
resistor (RTRST in Figure 4) from the TRST input to
ground. It is typically used in applications where the
gate drivers are on-board the controller. In this mode,
the on-chip reset timer is triggered when the signals on
R1-R4 satisfy the logic equations of Tables 3 and 4.
Once triggered, the timer maintains integrator in reset
for time duration tR as programmed by the value of
resistor RTRST. The user must select the value of
resistor RTRST to terminate the reset cycle prior to the
start
of
measurement
under
worst-case
timing
conditions. Note that values of tR below the specified
value in Section “1. Electrical Specifications” results in
increased integrator output offset error and increased
output
noise
on
VOUT.
Moreover,
tR’s time is
summarized by the following equation:
tR = 10 ns/kΩ
where values of RTRST that produce a reset time less
than 200 ns (RTRST < 20 kΩ) should not be used.
Figure 4. Programming Reset Time (tR)
2.4. Effect of Operating Frequency on
Output Accuracy
The Si85xx includes a built-in watchdog timer that
disables measurement and holds OUT or OUT1 and
OUT2 at their minimum values when the timer’s preset
limit is exceeded. This timer limits the operation of the
Si85xx in dc measurement applications. As Figure 5
illustrates, the Si85xx operates down to about 10 kHz
with the nominal measurement error doubling to about
10 percent.
Figure 5. Full-Scale Error vs. Frequency
2.5. Effect of Temperature on Accuracy
Offset voltage present at the Si85xx output terminals
(output offset voltage) is calibrated out each time VDD is
applied to the Si85xx; so, its error contribution is
minimized when the temperature at which calibration
occurred is at or near the steady-state operating
temperature of the Si85xx. For example, applying VDD
at 25 °C (offset cal is performed) and operating at 85 °C
will result in a larger offset error than operating at 50 ºC.
The effect of this error is summarized in Figure 6. The
chart is referenced to 25 °C. If the Si85xx is powered up
at 25 °C and then operated at 125 °C with no auto-
calibration performed (i.e., the power is not cycled at
125 °C, which causes an auto-calibration), a 3 percent
measurement error can be expected.
Figure 6. Differential Temperature
Calibration Error
Si85xx
TRST
RTRST
0%
3%
6%
9%
12%
15%
10
20
30
40
50
Frequency (kHz)
-3.5%
-3.0%
-2.5%
-2.0%
-1.5%
-1.0%
-0.5%
0.0%
0.5%
1.0%
025
50
75
100
125
Temperature (Celcius)


Numéro de pièce similaire - SI8506-B-IM

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SI8506-B-IM ETC2-SI8506-B-IM Datasheet
385Kb / 37P
   Si85XX UNIDIRECTIONAL AC CURRENT SENSORS
More results

Description similaire - SI8506-B-IM

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SI8513-C-IS ETC2-SI8513-C-IS Datasheet
385Kb / 37P
   Si85XX UNIDIRECTIONAL AC CURRENT SENSORS
logo
Copal Electronics
C-CT COPAL-C-CT Datasheet
282Kb / 2P
   AC CURRENT SENSORS
logo
TDK Electronics
CCT323047-100-16-00 TDK-CCT323047-100-16-00 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
CCT272440-80-10-02 TDK-CCT272440-80-10-02 Datasheet
162Kb / 2P
   Clamp AC Current Sensors
CCT354571-300-24-00 TDK-CCT354571-300-24-00 Datasheet
145Kb / 2P
   Clamp AC Current Sensors
CCT406393-600-36-02 TDK-CCT406393-600-36-02 Datasheet
147Kb / 2P
   Clamp AC Current Sensors
CCT261631-30-06-02 TDK-CCT261631-30-06-02 Datasheet
160Kb / 2P
   Clamp AC Current Sensors
CCT272440-80-10-00 TDK-CCT272440-80-10-00 Datasheet
162Kb / 2P
   Clamp AC Current Sensors
CCT261631-30-06-00 TDK-CCT261631-30-06-00 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
CCT323047-100-16-02 TDK-CCT323047-100-16-02 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com