Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI3008 Fiches technique(PDF) 4 Page - Silicon Laboratories

No de pièce SI3008
Description  V.22BIS ISOMODEM짰 WITH LOW-COST DAA
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3008 Fiches technique(HTML) 4 Page - Silicon Laboratories

  SI3008 Datasheet HTML 1Page - Silicon Laboratories SI3008 Datasheet HTML 2Page - Silicon Laboratories SI3008 Datasheet HTML 3Page - Silicon Laboratories SI3008 Datasheet HTML 4Page - Silicon Laboratories SI3008 Datasheet HTML 5Page - Silicon Laboratories SI3008 Datasheet HTML 6Page - Silicon Laboratories SI3008 Datasheet HTML 7Page - Silicon Laboratories SI3008 Datasheet HTML 8Page - Silicon Laboratories SI3008 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
Si2401/Si3008
4
Rev. 1.1
1. Electrical Specifications
Table 1. Recommended Operating Conditions
Parameter1
Symbol
Test Condition
Min2
Typ
Max2
Unit
Ambient Temperature
TA
F-Grade
0
25
70
°C
Si2401 Supply Voltage, Digital3
VD
3.0
3.3
3.6
V
Notes:
1. The Si2401 specifications are guaranteed when the typical application circuit (including component tolerance) and Si2401
and Si3008 are used. See "2. Typical Application Schematic" on page 9.
2. All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions. Typical
values apply at nominal supply voltages and an operating temperature of 25 °C unless otherwise stated.
3. The digital supply, VD, operates from 3.0 to 3.6 V. The Si2401 interface supports 5 V logic (CLKIN/XTALI supports 3.3 V
logic only).
Table 2. Loop Characteristics
(VD = 3.0 to 3.6 V, TA = 0 to 70 °C, see Figure 1)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
DC Termination Voltage
VTR
IL =20mA
7.5
V
DC Termination Voltage
VTR
IL = 120 mA
9
V
On-Hook Leakage Current
ILK
VTR =–100V
12
µA
Operating Loop Current
ILP
15
120
mA
DC Ring Current
dc current flowing
through
ring detection circuitry
—1.5
3
µA
Ring Detect Voltage*
VRD
10
15
35
Vrms
Ring Frequency
FR
15
68
Hz
Ringer Equivalence Number
REN
0.2
*Note:
The ring signal is guaranteed to be undetected below the minimum. The ring signal is guaranteed to be detected above
the maximum.


Numéro de pièce similaire - SI3008

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI3008 SILABS-SI3008 Datasheet
751Kb / 72P
   V.22BIS ISOMODEM WITH LOW-COST DAA
More results

Description similaire - SI3008

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI2400 SILABS-SI2400 Datasheet
1Mb / 94P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
SI2401 SILABS-SI2401 Datasheet
993Kb / 76P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
SI2401-FSR SILABS-SI2401-FSR Datasheet
751Kb / 72P
   V.22BIS ISOMODEM WITH LOW-COST DAA
logo
List of Unclassifed Man...
SI2400 ETC-SI2400 Datasheet
1Mb / 76P
   V.22BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
SI2401 ETC-SI2401 Datasheet
935Kb / 74P
   V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2401 SKYWORKS-SI2401 Datasheet
2Mb / 75P
   V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Revision 0.7 to Revision 0.9
logo
Silicon Laboratories
SI2456-FT SILABS-SI2456-FT Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM짰 CHIPSET WITH INTEGRATED GLOBAL DAA
SI2457 SILABS-SI2457 Datasheet
971Kb / 74P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM WITH GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2457 SKYWORKS-SI2457 Datasheet
1,014Kb / 60P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM® WITH GLOBAL DAA
Rev. 1.3
logo
Synaptics Incorporated.
CX90240 CONEXANT-CX90240 Datasheet
262Kb / 2P
   V.22bis Modem with 4th Generation SmartDAA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com