Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PS51259-A Fiches technique(PDF) 1 Page - Mitsubishi Electric Semiconductor

No de pièce PS51259-A
Description  Single phase AC input, DC output IGBT/FWD converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS51259-A Fiches technique(HTML) 1 Page - Mitsubishi Electric Semiconductor

  PS51259-A Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS51259-A Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS51259-A Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS51259-A Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS51259-A Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS51259-A Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MITSUBISHI SEMICONDUCTOR <Intelligent Power Module>
PS51259-A
TRANSFER-MOLD TYPE
INSULATED TYPE
Mar. 2003
PS51259-A
INTEGRATED POWER FUNCTIONS
• Single phase AC input, DC output IGBT/FWD con-
verter bridge
• 600V, 20Arms (Input current)
APPLICATION
AC100~200V Active-Converter for PFC (Power Factor Correction), of Air-conditioner and so
on.
Fig. 1 PACKAGE OUTLINES
MITSUBISHI SEMICONDUCTOR <Intelligent Power Module>
PS51259-A
TRANSFER-MOLD TYPE
INSULATED TYPE
INTEGRATED DRIVE, PROTECTION AND SYSTEM CONTROL FUNCTIONS
• IGBTS driver circuit
• Control supply under-voltage (UV) protection
• Input interface : 5~15V line CMOS/TTL compatible, Schmitt Trigger receiver circuit (Active high)
Dimensions in mm
Detail A
Detail B
Type name , Lot No.
A
B
21 TERMINAL
9. 10. 11 TERMINAL
2-φ
4.5
±0.2
Heat sink
(71)
8
0.8
1.8
1.4
79±0.5
27
×2.8(=75.6)
2.8±0.3
67±0.3
10±0.3 10±0.3 10±0.3
20±0.3
12
34
5 6
7 8
9 10 11
12 13
14 15 16 17 18 19 20 21
22
23
24
25
26
1N2
2N2
3NC
4NC
5NC
6NC
7NC
8NC
9NC
10
NC
11
NC
12
NC
13
NC
14
GND
15
VD
16
VIN
17
GND
18
NC
19
NC
20
NC
21
NC
22
P
23
S
24
R
25
N
26
N
TERMINAL CODE


Numéro de pièce similaire - PS51259-A

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
PS51259-A MITSUBISHI-PS51259-A Datasheet
55Kb / 6P
   TRANSFER-MOLD TYPE INSULATED TYPE
More results

Description similaire - PS51259-A

FabricantNo de pièceFiches techniqueDescription
logo
Make-Ps
CFM05M MAKE-PS-CFM05M Datasheet
391Kb / 2P
   Single Output AC/DC Converter
PPM MAKE-PS-PPM Datasheet
209Kb / 4P
   Single Output AC/DC Converter
logo
Delta Electronics, Inc.
AA07S DELTA-AA07S Datasheet
213Kb / 4P
   7W Single Output AC/DC converter
logo
GAPTEC Electronic GmbH ...
5ACBE GAPTEC-5ACBE Datasheet
1Mb / 4P
   5W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
15ACE GAPTEC-15ACE Datasheet
3Mb / 6P
   15W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
2ACEW GAPTEC-2ACEW Datasheet
3Mb / 5P
   2W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
10ACM GAPTEC-10ACM Datasheet
2Mb / 7P
   10W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
logo
Delta Electronics, Inc.
AA07S0300A DELTA-AA07S0300A Datasheet
212Kb / 5P
   7W Single Output AC/DC converter
logo
GAPTEC Electronic GmbH ...
15ACBEW GAPTEC-15ACBEW Datasheet
2Mb / 5P
   15W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
15ACP GAPTEC-15ACP Datasheet
894Kb / 3P
   15W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com