Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BDW24 Datasheet(Fiches technique) 1 Page - Power Innovations Ltd

Numéro de pièce BDW24
Description  PNP SILICON POWER DARLINGTONS
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  POINN [Power Innovations Ltd]
Site Internet  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BDW24 Datasheet(HTML) 1 Page - Power Innovations Ltd

  BDW24 Datasheet HTML 1Page - Power Innovations Ltd BDW24 Datenblatt HTML 2Page - Power Innovations Ltd BDW24 Datenblatt HTML 3Page - Power Innovations Ltd BDW24 Datenblatt HTML 4Page - Power Innovations Ltd BDW24 Datenblatt HTML 5Page - Power Innovations Ltd BDW24 Datenblatt HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BDW24, BDW24A, BDW24B, BDW24C
PNP SILICON POWER DARLINGTONS
PRODUCT
INFORMATION
1
MAY 1989 - REVISED MARCH 1997
Copyright © 1997, Power Innovations Limited, UK
Information is current as of publication date. Products conform to specifications in accordance
with the terms of Power Innovations standard warranty. Production processing does not
necessarily include testing of all parameters.
q
Designed for Complementary Use with
BDW23, BDW23A, BDW23B and BDW23C
q
50 W at 25°C Case Temperature
q
6 A Continuous Collector Current
q
Minimum hFE of 750 at 2 A, 3 V
B
C
E
TO-220 PACKAGE
(TOP VIEW)
Pin 2 is in electrical contact with the mounting base.
MDTRACA
1
2
3
absolute maximum ratings
at 25°C case temperature (unless otherwise noted)
NOTES: 1. Derate linearly to 150°C case temperature at the rate of 0.4 W/°C.
2. Derate linearly to 150°C free air temperature at the rate of 16 mW/°C.
RATING
SYMBOL
VALUE
UNIT
Collector-base voltage (IE = 0)
BDW24
BDW24A
BDW24B
BDW24C
VCBO
-45
-60
-80
-100
V
Collector-emitter voltage (IB = 0)
BDW24
BDW24A
BDW24B
BDW24C
VCEO
-45
-60
-80
-100
V
Emitter-base voltage
VEBO
-5
V
Continuous collector current
IC
-6
A
Continuous base current
IB
-0.2
A
Continuous device dissipation at (or below) 25°C case temperature (see Note 1)
Ptot
50
W
Continuous device dissipation at (or below) 25°C free air temperature (see Note 2)
Ptot
2
W
Operating junction temperature range
Tj
-65 to +150
°C
Storage temperature range
Tstg
-65 to +150
°C
Operating free-air temperature range
TA
-65 to +150
°C


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
TIPP115PNP SILICON POWER DARLINGTONS 1 2 3 4 5 MorePower Innovations Ltd
TIPP115PNP SILICON POWER DARLINGTONS 1 2 3 4 5 Transys Electronics
BD896PNP SILICON POWER DARLINGTONS 1 2 3 4 5 Bourns Electronic Solutions
BDV64PNP SILICON POWER DARLINGTONS 1 2 3 4 5 MorePower Innovations Ltd
BDX54PNP SILICON POWER DARLINGTONS 1 2 3 4 5 MorePower Innovations Ltd
BDX34PNP SILICON POWER DARLINGTONS 1 2 3 4 5 MoreBourns Electronic Solutions
BD646PNP SILICON POWER DARLINGTONS 1 2 3 4 5 Transys Electronics
BDW84PNP SILICON POWER DARLINGTONS 1 2 3 4 5 Bourns Electronic Solutions
TIP105PNP SILICON POWER DARLINGTONS 1 2 3 4 5 MorePower Innovations Ltd
BD896PNP SILICON POWER DARLINGTONS 1 2 3 4 5 Transys Electronics

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn