Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BDT61 Fiches technique(PDF) 2 Page - Power Innovations Ltd

No de pièce BDT61
Description  NPN SILICON POWER DARLINGTONS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POINN [Power Innovations Ltd]
Site Internet  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BDT61 Fiches technique(HTML) 2 Page - Power Innovations Ltd

  BDT61 Datasheet HTML 1Page - Power Innovations Ltd BDT61 Datasheet HTML 2Page - Power Innovations Ltd BDT61 Datasheet HTML 3Page - Power Innovations Ltd BDT61 Datasheet HTML 4Page - Power Innovations Ltd BDT61 Datasheet HTML 5Page - Power Innovations Ltd BDT61 Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BDT61, BDT61A, BDT61B, BDT61C
NPN SILICON POWER DARLINGTONS
2
AUGUST 1993 - REVISED MARCH 1997
PRODUCT
INFORMATION
NOTES: 3. These parameters must be measured using pulse techniques, tp = 300 µs, duty cycle ≤ 2%.
4. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts.
Voltage and current values shown are nominal; exact values vary slightly with transistor parameters.
electrical characteristics at 25°C case temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)CEO
Collector-emitter
breakdown voltage
IC = 30 mA
IB = 0
(see Note 3)
BDT61
BDT61A
BDT61B
BDT61C
60
80
100
120
V
ICEO
Collector-emitter
cut-off current
VCE = 30 V
VCE = 40 V
VCE = 50 V
VCE = 60 V
IB = 0
IB = 0
IB = 0
IB = 0
BDT61
BDT61A
BDT61B
BDT61C
0.5
0.5
0.5
0.5
mA
ICBO
Collector cut-off
current
VCB = 60 V
VCB = 80 V
VCB = 100 V
VCB = 120 V
VCB = 30 V
VCB = 40 V
VCB = 50 V
VCB = 60 V
IE = 0
IE = 0
IE = 0
IE = 0
IE = 0
IE = 0
IE = 0
IE = 0
TC = 150°C
TC = 150°C
TC = 150°C
TC = 150°C
BDT61
BDT61A
BDT61B
BDT61C
BDT61
BDT61A
BDT61B
BDT61C
0.2
0.2
0.2
0.2
2.0
2.0
2.0
2.0
mA
IEBO
Emitter cut-off
current
VEB =
5 V
IC = 0
5
mA
hFE
Forward current
transfer ratio
VCE =
3 V
IC = 1.5 A
(see Notes 3 and 4)
750
VCE(sat)
Collector-emitter
saturation voltage
IB =
6 mA
IC = 1.5 A
(see Notes 3 and 4)
2.5
V
VBE(on)
Base-emitter
voltage
VCE =
3 V
IC = 1.5 A
(see Notes 3 and 4)
2.5
V
VEC
Parallel diode
forward voltage
IE =
1.5 A
IB = 0
2
V
thermal characteristics
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Junction to case thermal resistance
2.5
°C/W
RθJA
Junction to free air thermal resistance
62.5
°C/W
resistive-load-switching characteristics at 25°C case temperature
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ton
Turn-on time
IC = 2 A
VBE(off) = -5 V
IB(on) = 8 mA
RL = 20 Ω
IB(off) = -8 mA
tp = 20 µs, dc ≤ 2%
1
µs
toff
Turn-off time
4.5
µs


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
BDX53 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  More Power Innovations Ltd
BDX33 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  More Bourns Electronic Solutions
BDV65 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  More Power Innovations Ltd
BDW93 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  Bourns Electronic Solutions
BDW23 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  More Power Innovations Ltd
TIP100 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  More Power Innovations Ltd
BDX53 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  Bourns Electronic Solutions
BDW83 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  Bourns Electronic Solutions
BDX53C NPN SILICON POWER DARLINGTONS 1  2  3  4  5  Bourns Electronic Solutions
BDW53 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  More Power Innovations Ltd

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn