Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BDT61 Fiches technique(PDF) 1 Page - Power Innovations Ltd

No de pièce BDT61
Description  NPN SILICON POWER DARLINGTONS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POINN [Power Innovations Ltd]
Site Internet  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BDT61 Fiches technique(HTML) 1 Page - Power Innovations Ltd

  BDT61 Datasheet HTML 1Page - Power Innovations Ltd BDT61 Datasheet HTML 2Page - Power Innovations Ltd BDT61 Datasheet HTML 3Page - Power Innovations Ltd BDT61 Datasheet HTML 4Page - Power Innovations Ltd BDT61 Datasheet HTML 5Page - Power Innovations Ltd BDT61 Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BDT61, BDT61A, BDT61B, BDT61C
NPN SILICON POWER DARLINGTONS
PRODUCT
INFORMATION
1
AUGUST 1993 - REVISED MARCH 1997
Copyright © 1997, Power Innovations Limited, UK
Information is current as of publication date. Products conform to specifications in accordance
with the terms of Power Innovations standard warranty. Production processing does not
necessarily include testing of all parameters.
q
Designed for Complementary Use with
BDT60, BDT60A, BDT60B and BDT60C
q
50 W at 25°C Case Temperature
q
4 A Continuous Collector Current
q
Minimum hFE of 750 at 1.5 V, 3 A
B
C
E
TO-220 PACKAGE
(TOP VIEW)
Pin 2 is in electrical contact with the mounting base.
MDTRACA
1
2
3
absolute maximum ratings
at 25°C case temperature (unless otherwise noted)
NOTES: 1. Derate linearly to 150°C case temperature at the rate of 0.4 W/°C.
2. Derate linearly to 150°C free air temperature at the rate of 16 mW/°C.
RATING
SYMBOL
VALUE
UNIT
Collector-base voltage (IE = 0)
BDT61
BDT61A
BDT61B
BDT61C
VCBO
60
80
100
120
V
Collector-emitter voltage (IB = 0)
BDT61
BDT61A
BDT61B
BDT61C
VCEO
60
80
100
120
V
Emitter-base voltage
VEBO
5
V
Continuous collector current
IC
4
A
Continuous base current
IB
0.1
A
Continuous device dissipation at (or below) 25°C case temperature (see Note 1)
Ptot
50
W
Continuous device dissipation at (or below) 25°C free air temperature (see Note 2)
Ptot
2
W
Operating junction temperature range
Tj
-65 to +150
°C
Storage temperature range
Tstg
-65 to +150
°C
Operating free-air temperature range
TA
-65 to +150
°C


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
BDX53 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  More Power Innovations Ltd
BDX33 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  More Bourns Electronic Solutions
BDV65 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  More Power Innovations Ltd
BDW93 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  Bourns Electronic Solutions
BDW23 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  More Power Innovations Ltd
TIP100 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  More Power Innovations Ltd
BDX53 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  Bourns Electronic Solutions
BDW83 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  Bourns Electronic Solutions
BDX53C NPN SILICON POWER DARLINGTONS 1  2  3  4  5  Bourns Electronic Solutions
BDW53 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  More Power Innovations Ltd

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn