Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS1003M Fiches technique(PDF) 3 Page - Sanyo Semicon Device

No de pièce SS1003M
Description  Schottky Barrier Diode 30V, 1A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SS1003M Fiches technique(HTML) 3 Page - Sanyo Semicon Device

  SS1003M Datasheet HTML 1Page - Sanyo Semicon Device SS1003M Datasheet HTML 2Page - Sanyo Semicon Device SS1003M Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SS1003M
No.8347-3/3
Specifications of any and all SANYO products described or contained herein stipulate the performance,
characteristics, and functions of the described products in the independent state, and are not guarantees
of the performance, characteristics, and functions of the described products as mounted in the customer’s
products or equipment. To verify symptoms and states that cannot be evaluated in an independent device,
the customer should always evaluate and test devices mounted in the customer’s products or equipment.
SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all
semiconductor products fail with some probability. It is possible that these probabilistic failures could
give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire,
or that could cause damage to other property. When designing equipment, adopt safety measures so
that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective
circuits and error prevention circuits for safe design, redundant design, and structural design.
In the event that any or all SANYO products(including technical data,services) described or
contained herein are controlled under any of applicable local export control laws and regulations,
such products must not be exported without obtaining the export license from the authorities
concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system,
or otherwise, without the prior written permission of SANYO Electric Co., Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification"
for the SANYO product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not
guaranteed for volume production. SANYO believes information herein is accurate and reliable, but
no guarantees are made or implied regarding its use or any infringements of intellectual property rights
or other rights of third parties.
This catalog provides information as of June, 2005. Specifications and information herein are subject
to change without notice.
PS
1.0
0.1
10
2
2
3
3
5
7
100
7
23
5
10
7
23
5
100
7
23
5
Reverse Voltage, VR -- V
C -- VR
IT07948
f=1MHz
7 0.01
23
7 0.1
0
52
2
3
37 1.0
5
12
14
8
4
10
6
2
ID00435
IFSM -- t
IS
20ms
t
Current waveform 50Hz sine wave
Time, t -- s


Numéro de pièce similaire - SS1003M

FabricantNo de pièceFiches techniqueDescription
logo
ABC Taiwan Electronics ...
SS1003100ML ABC-SS1003100ML Datasheet
144Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS1003101ML ABC-SS1003101ML Datasheet
144Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS1003120ML ABC-SS1003120ML Datasheet
144Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS1003121ML ABC-SS1003121ML Datasheet
144Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS1003150ML ABC-SS1003150ML Datasheet
144Kb / 8P
   SHIELDED SMD POWER INDUCTOR
More results

Description similaire - SS1003M

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
SS1003EJ SANYO-SS1003EJ Datasheet
36Kb / 3P
   Schottky Barrier Diode 30V, 1A Rectifier
SB1003EJ SANYO-SB1003EJ Datasheet
40Kb / 3P
   SCHOTTKY BARRIER DIODE 30V, 1A RECTIFIER
SB1003M SANYO-SB1003M Datasheet
32Kb / 3P
   Schottky Barrier Diode 30V, 1A Rectifier
logo
KODENSHI_AUK CORP.
SDB130B KODENSHI-SDB130B Datasheet
240Kb / 5P
   30V, 1A SCHOTTKY BARRIER RECTIFIER
SDB130B-1 KODENSHI-SDB130B-1 Datasheet
233Kb / 5P
   30V, 1A SCHOTTKY BARRIER RECTIFIER
SDB130 KODENSHI-SDB130 Datasheet
235Kb / 5P
   30V, 1A SCHOTTKY BARRIER RECTIFIER
logo
Sanyo Semicon Device
SBE808 SANYO-SBE808 Datasheet
40Kb / 3P
   Schottky Barrier Diode 15V, 1A Rectifier
SS10015M SANYO-SS10015M Datasheet
98Kb / 3P
   Schottky Barrier Diode 15V, 1A Rectifier
SBS808M SANYO-SBS808M Datasheet
32Kb / 3P
   Schottky Barrier Diode 15V, 1A Rectifier
SBM0203R SANYO-SBM0203R Datasheet
48Kb / 4P
   Schottky Barrier Diode 30V, 0.2A Rectifier
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com