Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS1003EJ Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce SS1003EJ
Description  Schottky Barrier Diode 30V, 1A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SS1003EJ Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  SS1003EJ Datasheet HTML 1Page - Sanyo Semicon Device SS1003EJ Datasheet HTML 2Page - Sanyo Semicon Device SS1003EJ Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SS1003EJ
No.8157-1/3
Applications
High frequency rectification (switching regulators, converters, choppers).
Features
Low switching noise.
Low forward voltage (IF=500mA, VF max=0.39V) (IF=1A, VF max=0.45V).
Ultraminiature (1608 size) and thin (0.6mm) leadless package.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
30
V
Nonrepetitive Peak Reverse Surge Voltage
VRSM
35
V
Average Output Current
IO
1A
Surge Forward Current
IFSM
50Hz sine wave, 1 cycle
5
A
Junction Temperature
Tj
--55 to +125
°C
Storage Temperature
Tstg
--55 to +125
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Reverse Voltage
VR
IR=500µA30
V
Forward Voltage
VF1IF=500mA
0.39
V
VF2IF=1A
0.45
V
Reverse Current
IR
VR=15V
360
µA
Interterminal Capacitance
C
VR=10V, f=1MHz
27
pF
Reverse Recovery Time
trr
IF=IR=10mA, See specified Test Circuit.
10
ns
Thermal Resistance
Rth(j-a)
Mounted on a ceramic board (600mm2!0.8mm)
165
°C / W
Marking : DH
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : EN8157A
O1806 SY IM TC-00000252 / N3004 TS IM TB-00000946
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before usingany SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.
SANYO Semiconductors
DATA SHEET
SS1003EJ
Schottky Barrier Diode
30V, 1A Rectifier


Numéro de pièce similaire - SS1003EJ

FabricantNo de pièceFiches techniqueDescription
logo
ABC Taiwan Electronics ...
SS1003100ML ABC-SS1003100ML Datasheet
144Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS1003101ML ABC-SS1003101ML Datasheet
144Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS1003120ML ABC-SS1003120ML Datasheet
144Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS1003121ML ABC-SS1003121ML Datasheet
144Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS1003150ML ABC-SS1003150ML Datasheet
144Kb / 8P
   SHIELDED SMD POWER INDUCTOR
More results

Description similaire - SS1003EJ

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
SB1003EJ SANYO-SB1003EJ Datasheet
40Kb / 3P
   SCHOTTKY BARRIER DIODE 30V, 1A RECTIFIER
SB1003M SANYO-SB1003M Datasheet
32Kb / 3P
   Schottky Barrier Diode 30V, 1A Rectifier
SS1003M SANYO-SS1003M Datasheet
32Kb / 3P
   Schottky Barrier Diode 30V, 1A Rectifier
logo
KODENSHI_AUK CORP.
SDB130B KODENSHI-SDB130B Datasheet
240Kb / 5P
   30V, 1A SCHOTTKY BARRIER RECTIFIER
SDB130B-1 KODENSHI-SDB130B-1 Datasheet
233Kb / 5P
   30V, 1A SCHOTTKY BARRIER RECTIFIER
SDB130 KODENSHI-SDB130 Datasheet
235Kb / 5P
   30V, 1A SCHOTTKY BARRIER RECTIFIER
logo
Sanyo Semicon Device
SBE808 SANYO-SBE808 Datasheet
40Kb / 3P
   Schottky Barrier Diode 15V, 1A Rectifier
SS10015M SANYO-SS10015M Datasheet
98Kb / 3P
   Schottky Barrier Diode 15V, 1A Rectifier
SBS808M SANYO-SBS808M Datasheet
32Kb / 3P
   Schottky Barrier Diode 15V, 1A Rectifier
SBM0203R SANYO-SBM0203R Datasheet
48Kb / 4P
   Schottky Barrier Diode 30V, 0.2A Rectifier
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com