Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PS11035 Fiches technique(PDF) 4 Page - Mitsubishi Electric Semiconductor

No de pièce PS11035
Description  Acoustic noise-less 1.5kW/200V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS11035 Fiches technique(HTML) 4 Page - Mitsubishi Electric Semiconductor

  PS11035 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS11035 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS11035 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS11035 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS11035 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MITSUBISHI SEMICONDUCTOR <Application Specific Intelligent Power Module>
PS11035
FLAT-BASE TYPE
INSULATED TYPE
Jan. 2000
Applied across P2-N2 terminals
Applied between VD-GND
Applied between CBU+ & CBU–, CBV+ & CBV–, CBW+ & CBW–
Applied between UP • VP • WP • UN • VN • WN and
GND
Relates to corresponding inputs
TC
≤ 100°C, Tj ≤ 125°C
Tj = 25°C, VD = 15V, Vin = 5V
Tj = 25°C, VD = VDB = 15V, Vin = 5V
Applied between input terminal-inside power supply
TC
≤ 100°C, Tj ≤ 125°C
Relates to corresponding inputs
TC = –20°C ~ +100°C
(Note 3)
Relates to corresponding input (Fig. 6)
IC = IOP(100%)
VD = 15V
IC = IOP(200%)
Tj = 25°C
(Fig. 4)
IC = IOP(250%)
VD = 15V
IC = 0A
(Fig. 4)
Tj = 25°C
(Fig. 5)
Tj = 25°C
(Fig. 5)
Tj = 25°C
(Fig. 5)
Tj = 25°C
(Fig. 5)
TC = Tj = 25°C
(Fig. 5)
Tj = 25°C
(Note 4)
Open collector output
(Note 4)
Circuit current (Average)
Circuit current (Average)
Input on threshold voltage
Input off threshold voltage
Input pull-up resistor
PWM input frequency
Arm shoot-through blocking time
Input interlock sensing
Inverter DC-Link IGBT current sense voltage
output signal
Inverter DC-Link IGBT current sense voltage
output limit
Over current trip level
Over current delay time
Short circuit trip level
Short circuit delay time
Trip level
Reset level
Trip level
Reset level
Delay time
Fault output pulse width
Fault output current
Condition
Symbol
Item
Ratings
ID
IDB
Vth(on)
Vth(off)
Ri
fPWM
tdead
tint
Vamp(100%)
Vamp(200%)
Vamp(250%)
Vamp(0)
OC
tOC
SC
tSC
UVD
UVDr
UVDB
UVDBr
tdV
tFO
IFo(H)
IFo(L)
Min.
mA
mA
V
V
k
kHz
µs
ns
V
V
V
mV
A
µs
A
µs
V
V
V
V
µs
ms
µA
mA
Typ.
Max.
0.8
2.5
1
2.2
1.5
3.0
5.0
19.8
11.0
11.5
10.1
10.6
1.0
1.4
3.0
50
100
2.0
4.0
50
24.7
10
40
2
12.0
12.5
10.8
11.3
10
1.8
50
5
2.0
4.0
15
2.5
5.0
100
35.0
13.0
13.5
11.6
12.1
1
15
Unit
ELECTRICAL CHARACTERISTICS (Tj = 25°C, VD = 15V, VDB = 15V unless otherwise noted)
(Note 3) : The dead-time has to be set externally by the CPU; it is not part of the ASIPM internal functions.
(Note 4) : Fault output signaling is given only when the internal OC, SC, & UV protection circuits are activated.
The OC, SC and UV protection (and fault output) operate for the lower arms only. The OC and SC protection Fault output is given
in a pulse format while that of UV protection is maintained throughout the duration of the under-voltage condition.
Condition
Symbol
Item
Ratings
VCC
VD
VDB
∆VD,VDB
VCIN(ON)
VCIN(OFF)
tdead
TC
fPWM
tXX
Supply voltage
Supply voltage
Supply voltage
Supply voltage ripple
Input on voltage
Input off voltage
Arm shoot-through blocking time
Module case operating temperature
PWM Input frequency
Allowable minimum input on-pulse width
Min.
V
V
V
V/
µs
V
V
µs
°C
kHz
µs
RECOMMENDED OPERATING CONDITIONS
Typ.
Max.
13.5
13.5
–1
0
4.0
2.2
1
300
15.0
15.0
400
16.5
16.5
+1
0.8
5.0
100
15
Unit
INVERTER DC-LINK IGBT CURRENT ANALOGUE
SIGNALING OUTPUT (TYPICAL)
Supply circuit under
voltage protection
200
1
2
3
4
5
300
100
0
0
Vamp (200%)
Vamp (100%)
VD = 15V
Tj = 25°C
Vamp
Actual Load Peak Current (%), (IC = IO! 2)
(Fig. 4)


Numéro de pièce similaire - PS11035

FabricantNo de pièceFiches techniqueDescription
logo
Powerex Power Semicondu...
PS11035 POWEREX-PS11035 Datasheet
83Kb / 6P
   Intellimod??Module Application Specific IPM (20 Amperes/600 Volts)
logo
List of Unclassifed Man...
PS11035 ETC1-PS11035 Datasheet
254Kb / 3P
   Patch Lead - CAT 5E
More results

Description similaire - PS11035

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
PS11036 MITSUBISHI-PS11036 Datasheet
98Kb / 5P
   Acoustic noise-less 2.2kW/200V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
PS11033 MITSUBISHI-PS11033 Datasheet
118Kb / 5P
   Acoustic noise-less 0.4kW/200V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
PS11034 MITSUBISHI-PS11034 Datasheet
118Kb / 5P
   Acoustic noise-less 0.75kW/200V AC Class 3 phase inverters, motor control applications and motors with built-in small size inverter package
PS11037 MITSUBISHI-PS11037 Datasheet
97Kb / 5P
   Acoustic noise-less 3.7kW/200V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
PS12033 MITSUBISHI-PS12033 Datasheet
75Kb / 5P
   Acoustic noise-less 0.4kW/400V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
PS12034 MITSUBISHI-PS12034 Datasheet
75Kb / 5P
   Acoustic noise-less 0.75kW/400V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
PS11015 MITSUBISHI-PS11015 Datasheet
413Kb / 6P
   Acoustic noise-less 1.5kW/AC200V class 3 phase inverter and other motor control applications
PS12015-A MITSUBISHI-PS12015-A Datasheet
273Kb / 6P
   Acoustic noise-less 1.5kW/AC400V Class 3 Phase inverter and other motor control applications
PS12038 MITSUBISHI-PS12038 Datasheet
75Kb / 5P
   Acoustic noise-less 3.7kW/400V AC Class 3 phase inverters, motor control applications
PS12036 MITSUBISHI-PS12036 Datasheet
75Kb / 5P
   Acoustic noise-less 2.2kW/400V AC Class 3 phase inverters, motor control
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com