Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD242C Fiches technique(PDF) 4 Page - Power Innovations Ltd

No de pièce BD242C
Description  PNP SILICON POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POINN [Power Innovations Ltd]
Site Internet  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BD242C Fiches technique(HTML) 4 Page - Power Innovations Ltd

  BD242C Datasheet HTML 1Page - Power Innovations Ltd BD242C Datasheet HTML 2Page - Power Innovations Ltd BD242C Datasheet HTML 3Page - Power Innovations Ltd BD242C Datasheet HTML 4Page - Power Innovations Ltd BD242C Datasheet HTML 5Page - Power Innovations Ltd BD242C Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BD242, BD242A, BD242B, BD242C
PNP SILICON POWER TRANSISTORS
4
JUNE 1973 - REVISED MARCH 1997
PRODUCT
INFORMATION
MAXIMUM SAFE OPERATING REGIONS
Figure 4.
THERMAL INFORMATION
Figure 5.
MAXIMUM FORWARD-BIAS
SAFE OPERATING AREA
V
CE - Collector-Emitter Voltage - V
-1·0
-10
-100
-1000
-0·01
-0·1
-1·0
-10
-100
SAS632AD
BD242
BD242A
BD242B
BD242C
t
p = 300 µs, d = 0.1 = 10%
t
p =
1 ms, d = 0.1 = 10%
t
p = 10 ms, d = 0.1 = 10%
DC Operation
MAXIMUM POWER DISSIPATION
vs
CASE TEMPERATURE
T
C - Case Temperature - °C
0
25
50
75
100
125
150
0
10
20
30
40
50
TIS631AA


Numéro de pièce similaire - BD242C

FabricantNo de pièceFiches techniqueDescription
logo
Mospec Semiconductor
BD242C MOSPEC-BD242C Datasheet
133Kb / 3P
   POWER TRANSISTORS(3A,40W)
logo
ON Semiconductor
BD242C ONSEMI-BD242C Datasheet
99Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2007 - Rev. 7
logo
Motorola, Inc
BD242C MOTOROLA-BD242C Datasheet
139Kb / 6P
   Complementary Silicon Plastic Power Transistors
logo
Comset Semiconductor
BD242C COMSET-BD242C Datasheet
104Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
logo
ON Semiconductor
BD242C ONSEMI-BD242C Datasheet
108Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
More results

Description similaire - BD242C

FabricantNo de pièceFiches techniqueDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com