Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SKY65111-348LF Fiches technique(PDF) 2 Page - Skyworks Solutions Inc.

No de pièce SKY65111-348LF
Description  ISM 600-1100 MHz Band 2 Watt InGaP HBT Power Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SKYWORKS [Skyworks Solutions Inc.]
Site Internet  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65111-348LF Fiches technique(HTML) 2 Page - Skyworks Solutions Inc.

  SKY65111-348LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY65111-348LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY65111-348LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65111-348LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65111-348LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65111-348LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65111-348LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65111-348LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY65111-348LF Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
February 12, 2007 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200428 Rev. E
DATA SHEET • SKY65111-348LF
2
Pin
Symbol
Description
1, 3,
GND
Connect this pin to the printed circuit board common
8, 14
via lowest possible impedance.
2
RF IN
RF input port.
4VCC1
DC power supply input to the first gain stage.
5VAPC1
Power control voltage input to the first and
second gain stages.
6VAPC2
Power control voltage input to the third gain stage.
7VREF
Control voltage input to bias control circuit.
9, 10,
RF OUT/
RF output ports and DC supply voltage inputs to
11, 12
VCC3
third gain stage.
13
OPEN
No connection. Do not connect this pin to ground.
15, 16
VCC2
DC power supply input to the second gain stage.
Pin Assignments
Characteristic
Value
Supply voltage (VCC & VREF)5.5 V
Power control voltage (VAPC1 & VAPC2)
3.0 V
RF input power
10 dBm
Operating temperature
-40 °C to +85 °C
Storage temperature
-65 °C to +85 °C
Absolute Maximum Ratings
Performance is guaranteed only under the conditions listed in the specifications table and is
not guaranteed under the full range(s) described by the Absolute Maximum specifications.
Exceeding any of the absolute maximum/minimum specifications may result in permanent
damage to the device and will void the warranty.
Each absolute maximum rating listed is an individual parameter. Basing and driving the
amplifier with all absolute maximum ratings listed simultaneously may result in permanent
damage to the device.
CAUTION: Although this device is designed to be as robust as
possible, ESD (Electrostatic Discharge) can damage
this device. This device must be protected at all times
from ESD. Static charges may easily produce poten-
tials of several kilovolts on the human body or
equipment, which can discharge without detection.
Industry-standard ESD precautions must be employed
at all times.
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply voltage
VCC
2.5
3.5
5
V
Power control voltage
VAPC
02.7
2.8
V
Power control range
45
dB
Power control current
IVAPC
5mA
Leakage current
PIN < -30 dBm, VAPC1, 2 = 0.1 V
10
µA
Thermal resistance
RTH
50
° C/W
General DC Electrical Specifications
Parameter
Symbol
Condition
Specification
Unit
Critical gain
lS21l
902–928 NHz, -30 dBm input
36 min.
dB
Saturated power
PSAT
915 MHz
30 min.
dBm
Guaranteed Performance
VCC = 3.5 V, VREF = 3.5 V, VAPC = 2.7 V, TA = 25 °C
Guaranteed performance is as measured in the application’s PC board as defined in this data sheet.


Numéro de pièce similaire - SKY65111-348LF

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SKY65111-348LF SKYWORKS-SKY65111-348LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Description similaire - SKY65111-348LF

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
AP147-320 SKYWORKS-AP147-320 Datasheet
1Mb / 11P
   ISM 900 MHz Band 2-Watt InGaP HBT Power Amplifier
logo
TriQuint Semiconductor
TQP2420G TRIQUINT-TQP2420G Datasheet
524Kb / 13P
   2.4GHz ISM Band InGaP HBT Power Amplifier
TQP2420B TRIQUINT-TQP2420B Datasheet
479Kb / 10P
   2.4GHz ISM Band InGaP HBT Power Amplifier
TQP777002 TRIQUINT-TQP777002 Datasheet
225Kb / 10P
   2.4GHz ISM Band InGaP HBT Matched Power Amplifier
logo
Aeroflex Circuit Techno...
MMA709 AEROFLEX-MMA709 Datasheet
622Kb / 4P
   2 Watt InGaP HBT Amplifier
logo
Analog Devices
HMC452ST89 AD-HMC452ST89 Datasheet
1Mb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER
HMC453QS16G AD-HMC453QS16G Datasheet
1Mb / 22P
   InGaP HBT 1.6 WATT POWER AMPLIFIER
HMC453ST89 AD-HMC453ST89 Datasheet
1Mb / 22P
   InGaP HBT 1.6 WATT POWER AMPLIFIER
HMC452QS16G AD-HMC452QS16G Datasheet
1Mb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER
HMC457QS16G AD-HMC457QS16G Datasheet
523Kb / 10P
   InGaP HBT 1 WATT POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com