Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SKY65111-348LF Fiches technique(PDF) 6 Page - Skyworks Solutions Inc.

No de pièce SKY65111-348LF
Description  ISM 600-1100 MHz Band 2 Watt InGaP HBT Power Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SKYWORKS [Skyworks Solutions Inc.]
Site Internet  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65111-348LF Fiches technique(HTML) 6 Page - Skyworks Solutions Inc.

Back Button SKY65111-348LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY65111-348LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65111-348LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65111-348LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65111-348LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65111-348LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65111-348LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY65111-348LF Datasheet HTML 9Page - Skyworks Solutions Inc. SKY65111-348LF Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
February 12, 2007 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200428 Rev. E
DATA SHEET • SKY65111-348LF
6
POUT (dBm)
% PAE vs. POUT and VCC,
VAPC1,2 = 2.7, 915 MHz @ 25 °C
10 12 14 16 18 20 22 24 26 28 30 32 34 36 38
0
5
10
15
20
25
30
35
40
45
50
55
60
65
VCC = 5 V, VAPC1,2 = 2.7 V
VCC = 4 V, VAPC1,2 = 2.7 V
VCC = 3.5 V, VAPC1,2 = 2.7 V
VCC = 2.5 V, VAPC1,2 = 2.7 V
POUT (dBm)
ICC vs. POUT, VCC and VAPC1,2
915 MHz, 25 °C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
12 14 16 18 20 22 24 26 28 30 32 34 36
VCC = 4 V, VAPC = 2.7 V
VCC = 4 V, VAPC = 2.8 V
VCC = 4 V, VAPC = 2.6 V
VCC = 3.5 V, VAPC = 2.8 V
VCC = 3.5 V, VAPC = 2.6 V
VCC = 3.5 V, VAPC = 2.7 V
POUT (dBm)
ICC vs. POUT and VCC, VAPC1,2 = 2.7 V,
915 MHz @ 25 °C
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
14 16 18 20 22 24 26 28 30 32 34 36 38
VCC = 5 V, VAPC = 2.7 V
VCC = 4 V, VAPC = 2.7 V
VCC = 3.5 V, VAPC = 2.7 V
VCC = 2.5V, VAPC = 2.7 V
VAPC1,2 (V)
ICQ vs VAPC1, 2, VCC = 3.5 V
RF Off @ 25 °C
0
50
100
150
200
250
300
350
400
450
500
2.60
2.65
2.70
2.75
2.80
50 °C
85 °C
0 °C
-20 °C
25 °C
-40 °C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
AP147-320 ISM 900 MHz Band 2-Watt InGaP HBT Power Amplifier 1  2  3  4  5  More Skyworks Solutions Inc.
CHV2707-QJ 700 to 800 MHz InGaP HBT 5W Linear Power Amplifier 1  2  3  4  5  More Mimix Broadband
AH115 ½ Watt High Linearity InGaP HBT Amplifier 1  2  3  4  5  WJ Communication. Inc.
ECG012 0.1 Watt High Linearity InGaP HBT Amplifier 1  2  3  4  WJ Communication. Inc.
CHV2711-QJ 3.5 GHz InGaP HBT 5W Linear Power Amplifier 1  2  3  4  5  More Mimix Broadband
AH118_06 ¼ Watt High Linearity InGaP HBT Amplifier 1  2  3  4  5  More WJ Communication. Inc.
ECG015 ¼ Watt High Linearity InGaP HBT Amplifier 1  2  3  4  5  WJ Communication. Inc.
LX5514 InGaP HBT 2.3 - 2.5 GHz Power Amplifier 1  2  Microsemi Corporation
ECP052D_06 ½ Watt High Linearity InGaP HBT Amplifier 1  2  3  4  WJ Communication. Inc.
RMPA1966 RMPA1966 I-Lo TM WCDMA Band II Power Amplifier Module 1850-1910 MHz 1  2  3  4  5  More Fairchild Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn