Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SKY65111-348LF Fiches technique(PDF) 3 Page - Skyworks Solutions Inc.

No de pièce SKY65111-348LF
Description  ISM 600-1100 MHz Band 2 Watt InGaP HBT Power Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SKYWORKS [Skyworks Solutions Inc.]
Site Internet  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65111-348LF Fiches technique(HTML) 3 Page - Skyworks Solutions Inc.

  SKY65111-348LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY65111-348LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY65111-348LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65111-348LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65111-348LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65111-348LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65111-348LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65111-348LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY65111-348LF Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DATA SHEET • SKY65111-348LF
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200428 Rev. E • Skyworks Proprietary Information. • Products and product information are subject to change without notice. • February 12, 2007
3
General RF Transmit Electrical Specifications
Conditions: VCC = 3.5 V, VREF = 3.5 V, VAPC = 2.7 V, PIN = -30 dBm, TA = 25 °C
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Frequency range
F
800
1100
MHz
Gain
lS21l
Small signal
39.5
dB
Gain variation over frequency
l
ΔS21l
Small signal
1.0
dB
Input return loss
lS11l
Small signal
-11
dB
Output return loss
lS22l
Smal signal
-8
dB
Output P1 dB
P1 dB
CW
27
dBm
Quiescent current
ICQ
(No RF signal)
0.25
A
Current consumption
ICC
Output P1 dB
0.7
A
Second harmonic
F2
Output P1 dB
-17
dBm
Third harmonic
F3
Output P1 dB
-35
dBm
Ruggedness
Output VSWR = 8:1, All phase angles,
No module damage
VCC = 5 V, PIN = -5 dBm, VAPC = 2.7 V
or permanent performance
VREF = 5 V
degradation
Stability
Output VSWR = 8:1, All phase angles, VCC = 5 V,
36
dBm
PIN = -10 dBm, VAPC = 2.7 V, VREF = 5 V
Saturated power @ 800 MHz
PSAT
VCC = 3.5 V, VREF = 3.5 V, VAPC1, 2 = 2.7 V
32
dBm
Power added efficiency @ 800 MHz
PAE
PSAT
45
%
Saturated power @ 1100 MHz
PSAT
VCC = 3.5 V, VREF = 3.5 V, VAPC1, 2 = 2.7 V
30
dBm
Power added efficiency @ 1100 MHz
PAE
PSAT
40
%
Conditions: VCC = 3.5 V, VREF = 3.5 V, VAPC = 2.7 V, PIN = -30 dBm, TA = 25 °C
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Frequency range
F
902
928
MHz
Gain
lS21l
Small signal
40
dB
Gain variation over frequency
l
ΔS21l
Small signal
0.3
dB
Input return loss
lS11l
Small signal
-12
dB
Output return loss
lS22l
Small signal
-15
dB
Quiescent current
ICQ
(No RF signal)
0.25
A
Output P1 dB
P1 dB
CW
29.5
dBm
Current consumption
ICC
Output P1 dB
0.7
A
Saturated power @ 915 MHz
PSAT
VCC = 3.5 V, VREF = 3.5 V, VAPC1, 2 = 2.7 V
33
dBm
Power added efficiency
PAE
PSAT
50
%
Second harmonic
F2
Output P1 dB
-28
dBm
Third harmonic
F3
Output P1 dB
-38
dBm
Ruggedness
Output VSWR = 8:1, All phase angles,
No module damage
VCC = 5 V, PIN = -5 dBm, VAPC = 2.7 V
or permanent performance
VREF = 5 V
degradation
Stability
Output VSWR = 8:1, All phase angles,
-36
dBm
VCC = 5 V, PIN = -10 dBm, VAPC = 2.7 V
VREF = 5 V
Unless otherwise stated VREF = VCC.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
AP147-320 ISM 900 MHz Band 2-Watt InGaP HBT Power Amplifier 1  2  3  4  5  More Skyworks Solutions Inc.
CHV2707-QJ 700 to 800 MHz InGaP HBT 5W Linear Power Amplifier 1  2  3  4  5  More Mimix Broadband
AH115 ½ Watt High Linearity InGaP HBT Amplifier 1  2  3  4  5  WJ Communication. Inc.
ECG012 0.1 Watt High Linearity InGaP HBT Amplifier 1  2  3  4  WJ Communication. Inc.
CHV2711-QJ 3.5 GHz InGaP HBT 5W Linear Power Amplifier 1  2  3  4  5  More Mimix Broadband
AH118_06 ¼ Watt High Linearity InGaP HBT Amplifier 1  2  3  4  5  More WJ Communication. Inc.
ECG015 ¼ Watt High Linearity InGaP HBT Amplifier 1  2  3  4  5  WJ Communication. Inc.
LX5514 InGaP HBT 2.3 - 2.5 GHz Power Amplifier 1  2  Microsemi Corporation
ECP052D_06 ½ Watt High Linearity InGaP HBT Amplifier 1  2  3  4  WJ Communication. Inc.
RMPA1966 RMPA1966 I-Lo TM WCDMA Band II Power Amplifier Module 1850-1910 MHz 1  2  3  4  5  More Fairchild Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn