Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SKY65014-214LF Fiches technique(PDF) 3 Page - Skyworks Solutions Inc.

No de pièce SKY65014-214LF
Description  InGaP General Purpose Amplifier LF-6 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SKYWORKS [Skyworks Solutions Inc.]
Site Internet  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65014-214LF Fiches technique(HTML) 3 Page - Skyworks Solutions Inc.

  SKY65014-214LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY65014-214LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY65014-214LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65014-214LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65014-214LF Datasheet HTML 5Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DATA SHEET • SKY65014-214LF
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200398 Rev. C • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • April 7, 2006
3
Characteristic
Value
RF input power
15 dBm
Supply voltage
5 V
Supply current
120 mA
Power dissipation @ T = 25 °C
600 mW
Operating temperature
-45 °C to +85 °C
Storage temperature
-65 °C to +125 °C
Absolute Maximum Ratings
Performance is guaranteed only under the conditions listed in the specifications table and is
not guaranteed under the full range(s) described by the Absolute Maximum specifications.
Exceeding any of the absolute maximum/minimum specifications may result in permanent
damage to the device and will void the warranty.
CAUTION: Although this device is designed to be as robust as
possible, Electrostatic Discharge (ESD) can damage
this device. This device must be protected at all times
from ESD. Static charges may easily produce poten-
tials of several kilovolts on the human body or
equipment, which can discharge without detection.
Industry-standard ESD precautions must be employed
at all times.
Pin Number
Pin Name
Description
2, 4
GND
Equipotential point – Internal circuit com-
mon, which must be connected to the PCB
ground or common via the lowest possible
impedance.
1
Input
RF input – RF input with 50
Ω nominal
input impedance. An internally generated
DC voltage is present at this pin, so an
external DC block should be used to
connect this pin to the external circuit.
3
Output
RF output – DC supply voltage input and
RF output with 50
Ω nominal output
impedance. The nominal voltage required
at this pin is listed in the Electrical
Specifications Table. Supply current is
determined by an external resistor
connected between the DC power supply
and this pin.
Pin Descriptions
Micro-X
0.006 (0.15 mm)
0.092 (2.34 mm)
0.020 (0.51 mm)
0.020 (0.51 mm)
0.100 (2.54 mm)
0.060 (1.52 mm)
0.026 (0.660 mm)
0.085 (2.16 mm)
Pin Out (Top View)
4
3
2
1
Recommended Solder Reflow Profiles
Refer to the “Recommended Solder Reflow Profile”
Application Note.
Tape and Reel Information
Refer to the “Discrete Devices and IC Switch/Attenuators
Tape and Reel Package Orientation” Application Note.


Numéro de pièce similaire - SKY65014-214LF

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SKY65014-70LF SKYWORKS-SKY65014-70LF Datasheet
335Kb / 5P
   InGaP Cascadable Amplifier
SKY65014-92LF SKYWORKS-SKY65014-92LF Datasheet
417Kb / 5P
   InGaP Cascadable Amplifier LF-9 GHz
More results

Description similaire - SKY65014-214LF

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SKY65013-214LF SKYWORKS-SKY65013-214LF Datasheet
343Kb / 5P
   InGaP General-Purpose Amplifier LF-6 GHz
SKY65015-214LF SKYWORKS-SKY65015-214LF Datasheet
334Kb / 5P
   InGaP General-Purpose Amplifier LF-6 GHz
SKY65016-214LF SKYWORKS-SKY65016-214LF Datasheet
341Kb / 5P
   InGaP General-Purpose Amplifier LF-3 GHz
SKY65017-70LF SKYWORKS-SKY65017-70LF Datasheet
271Kb / 5P
   InGaP Cascadable Amplifier LF-6 GHz
SKY65015-70LF SKYWORKS-SKY65015-70LF Datasheet
294Kb / 5P
   InGaP Cascadable Amplifier LF-6 GHz
SKY65016-70LF SKYWORKS-SKY65016-70LF Datasheet
280Kb / 5P
   InGaP Cascadable Amplifier LF-3 GHz
SKY65013-70LF SKYWORKS-SKY65013-70LF Datasheet
287Kb / 5P
   InGaP Cascadable Amplifier LF-7 GHz
SKY65014-92LF SKYWORKS-SKY65014-92LF Datasheet
417Kb / 5P
   InGaP Cascadable Amplifier LF-9 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5618 AVAGO-AMMP-5618 Datasheet
234Kb / 9P
   6-20 GHz General Purpose Amplifier
logo
Agilent(Hewlett-Packard...
AMMP-5618 HP-AMMP-5618 Datasheet
241Kb / 9P
   6-20 GHz General Purpose Amplifier
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com