Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS24D75 Fiches technique(PDF) 4 Page - Teledyne Technologies Incorporated

No de pièce SS24D75
Description  Output to 75A, 510 Vac Solid-State Relay with Diagnostic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TELEDYNE [Teledyne Technologies Incorporated]
Site Internet  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

SS24D75 Fiches technique(HTML) 4 Page - Teledyne Technologies Incorporated

  SS24D75 Datasheet HTML 1Page - Teledyne Technologies Incorporated SS24D75 Datasheet HTML 2Page - Teledyne Technologies Incorporated SS24D75 Datasheet HTML 3Page - Teledyne Technologies Incorporated SS24D75 Datasheet HTML 4Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SS Page 4
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2003 TELEDYNE RELAYS
SS\052003\Q1
NEW Series SS
Output to 75A, 510 Vac
Solid-State Relay with Diagnostic
Control
Control LED
Mains
Load
SSR
Output LED
Output
Status
0
No
X
X
Open
1
No
X
X
Open
0
Yes
OK
OK
Closed
1
Yes
OK
OK
Closed
0
Yes
Open
OK
Open
0
Yes
OK
Short circuit
Open
1
Yes
Open
OK
Open
1
Yes
OK
Short circuit
Open
DIAGNOSTIC DESCRIPTION
Figure 6
OPEN MAINS
OPEN LOAD
SHORT CIRCUIT
ON OUTPUT
Mains
Control
Current
Status
output
On
Off
Open
Closed
to1
to2
tc1
ton
to2
to1
tc2
toff
to1
to2
tc1
Control LED
Output LED
• Output status is normally closed
without failure on the relay and
the load. The output LED is
normally ON.
• In case of failure on the load
(open) or on the SSR (short-
circuit condition):
- the status is open
- the output LED is switched OFF
Important: If you use a long
wiring cable between the SSR
and the load (>25 meters), the
diagnostic system might not be
able to detect an open load.
DIAGNOSTIC OVERVIEW
Figure 7
NOTES
1. For additional/custom options, contact factory.
TIMING SPECIFICATIONS
(+25°C ambient temperature unless otherwise specified)
Min
Max
Units
t01 – Open Delay (Typical)
70
ms
t02 – Open Time (Typical)
120
ms
tc1 – Close Time
20
ms
tc2 – Close Time
20
ms
• The yellow LED luminosity
depends on:
– Load voltage.
– Control: ON or OFF.
– Load type.
• The status outputs can be
connected in series.
• NPN or PNP output is possible
with status.
• Mains voltage lower than
specifications (150 Vac). The
SSR works correctly, but an
alarm status can be given
without control.


Numéro de pièce similaire - SS24D75

FabricantNo de pièceFiches techniqueDescription
logo
DATEL, Inc.
SS24D12-0.08 DATEL-SS24D12-0.08 Datasheet
146Kb / 1P
   Switching Regulator, 3000 Volts isolation, 2-Watt SIP, 짹12 Volts Output
SS24D15-0.06 DATEL-SS24D15-0.06 Datasheet
146Kb / 1P
   Switching Regulator, 3000 Volts isolation, 2-Watt SIP, 짹15 Volts Output
SS24D24-0.04 DATEL-SS24D24-0.04 Datasheet
145Kb / 1P
   Switching Regulator, 3000 Volts isolation, 2-Watt SIP, 짹24 Volts Output
SS24D5-0.2 DATEL-SS24D5-0.2 Datasheet
166Kb / 1P
   Switching Regulator, 3000 Volts isolation, 2-Watt SIP, 짹5 Volts Output
SS24D9-0.11 DATEL-SS24D9-0.11 Datasheet
166Kb / 1P
   Switching Regulator, 3000 Volts isolation, 2-Watt SIP, 짹9 Volts Output
More results

Description similaire - SS24D75

FabricantNo de pièceFiches techniqueDescription
logo
Teledyne Technologies I...
SSH TELEDYNE-SSH Datasheet
859Kb / 5P
   Output to 75A, 510 Vac with Diagnostics
DR24D25 TELEDYNE-DR24D25 Datasheet
172Kb / 4P
   Single Output to 30A 510 Vac DIN-Rail Solid-State Relay
DRL48R35 TELEDYNE-DRL48R35 Datasheet
163Kb / 4P
   Single Output to 35A 510 Vac DIN-Rail Solid-State Relay
DRD48A20 TELEDYNE-DRD48A20 Datasheet
150Kb / 3P
   Dual Output to 25A 510 Vac DIN-Rail Solid-State Relay
DRS24D25 TELEDYNE-DRS24D25 Datasheet
166Kb / 4P
   Single Output to 30A 510 Vac DIN-Rail Solid-State Relay with Diagnostics
E3P2G48D25 TELEDYNE-E3P2G48D25 Datasheet
2Mb / 6P
   Three-Phase Output up to 75A, 600 Vac DC Control Solid-State Relay
02/2022
logo
Tyco Electronics
SSR-240D25R MACOM-SSR-240D25R Datasheet
370Kb / 2P
   Solid State Relay With Paired SCR Output
SSR-480D25 MACOM-SSR-480D25 Datasheet
120Kb / 2P
   Solid State Relay With Paired SCR Output
logo
Teledyne Technologies I...
ST48A25-22 TELEDYNE-ST48A25-22 Datasheet
130Kb / 4P
   Single Output to 75A 600 Vac
logo
COSMO Electronics Corp...
KAQV213H COSMO-KAQV213H Datasheet
209Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com