Moteur de recherche de fiches techniques de composants électroniques |
|
MAX9517 Fiches technique(PDF) 2 Page - Maxim Integrated Products |
|
MAX9517 Fiches technique(HTML) 2 Page - Maxim Integrated Products |
2 / 22 page Standard-Definition Video Filter Amplifiers with Dual SPST Switches 2 _______________________________________________________________________________________ ABSOLUTE MAXIMUM RATINGS ELECTRICAL CHARACTERISTICS (VDD = SHDN = 3.3V, GND = 0V, no load, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1) Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. VDD to GND ..............................................................-0.3V to +4V VIDIN to GND ...........................................................-0.3V to +4V COM_, NO_ to GND ...................................-0.3V to (VDD + 0.3V) SHDN, IN_ to GND ...................................................-0.3V to +4V VIDOUT Short-Circuit Duration to VDD, GND .............Continuous Continuous Input Current VIDIN, IN_, SHDN ..........................................................±20mA COM_, NO_ .................................................................±100mA Peak Current COM_, NO_ (pulsed at 1ms, 10% duty cycle) ............±200mA Continuous Power Dissipation (TA = +70°C) 12-Pin TQFN (derate 14.7mW/°C above +70°C) ........1177mW Operating Temperature Range .........................-40°C to +125°C Junction Temperature ......................................................+150°C Storage Temperature Range .............................-65°C to +150°C Lead Temperature (soldering 10s) ..................................+300°C PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Supply Voltage Range VDD Guaranteed by PSRR 2.7 3.6 V MAX9517 3.5 7 Supply Current IDD MAX9524 4.25 8 mA Shutdown Supply Current ISHDN VSHDN = GND 1 µA VIDEO DC BUFFER INPUTS (MAX9517) VDD = 2.7V 0 1.05 Input Voltage Range VIN Guaranteed by output- voltage swing VDD = 3V 0 1.2 V Input Current IIN VIN = 0V 3.5 10 µA Input Resistance RIN 300 k Ω VDD = 2.7V, 0 ≤ VIN ≤ 1.05V 1.95 2.00 2.04 DC Voltage Gain AV RL = 150 Ω to GND VDD = 3V, 0 ≤ VIN ≤ 1.2V 1.95 2.00 2.04 V/V Output Level Measured at VOUT, VIDIN = 0.1µF to GND, RL = 150 Ω to GND 200 300 410 mV Measured at output, VDD = 2.7V, 0 ≤ VIN ≤ 1.05V, RL = 150Ω to -0.2V 2.1 Measured at output, VDD = 2.7V, 0 ≤ VIN ≤ 1.05V, RL = 150Ω to VDD/2 2.1 Measured at output, VDD = 3V, 0 ≤ VIN ≤ 1.2V, RL = 150Ω to -0.2V 2.4 Measured at output, VDD = 3V, 0 ≤ VIN ≤ 1.2V, RL = 150Ω to VDD/2 2.4 Output-Voltage Swing Measured at output, VDD = 3.135V, 0 ≤ VIN ≤ 1.05V, RL = 75Ω to -0.2V 2.1 VP-P SYNC-TIP CLAMP INPUT (MAX9524) Sync-Tip Clamp Level VCLP Sync-tip clamp 0.23 0.39 V VDD = 2.7V to 3.6V 1.05 Input Voltage Range VDD = 3V to 3.6V 1.2 VP-P Sync Crush Sync-tip clamp, percentage reduction in sync pulse (0.3VP-P), guaranteed by input clamping current measurement 2% |
Numéro de pièce similaire - MAX9517 |
|
Description similaire - MAX9517 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |