Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LC72F3661 Datasheet(Fiches technique) 4 Page - Sanyo Semicon Device

Numéro de pièce LC72F3661
Description  CMOS IC Electronic tuning radio for car audio ETR Controller
Télécharger  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72F3661 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC72F3661 Datenblatt HTML 1Page - Sanyo Semicon Device LC72F3661 Datenblatt HTML 2Page - Sanyo Semicon Device LC72F3661 Datenblatt HTML 3Page - Sanyo Semicon Device LC72F3661 Datasheet HTML 4Page - Sanyo Semicon Device LC72F3661 Datenblatt HTML 5Page - Sanyo Semicon Device LC72F3661 Datenblatt HTML 6Page - Sanyo Semicon Device LC72F3661 Datenblatt HTML 7Page - Sanyo Semicon Device LC72F3661 Datenblatt HTML 8Page - Sanyo Semicon Device LC72F3661 Datenblatt HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
LC72F3661
No.0461-4/15
Electrical Characteristics in the allowable operating ranges
Ratings
Parameter
Symbol
Pins
min
typ
max
unit
IIH1
XIN : VI = VDD = 5.0V
2.0
5.0
15
µA
IIH2
FMIN, AMIN, HCTR, LCTR: VI = VDD = 5.0V
4.0
10
30
µA
Input high-level current
IIH3
PA, PB, PD, PE, PF, PG, PH, PI, PK, PL, PM, PN, PO,
PQ, PR, PS-PORT, SNS, HOLD, RESET, HCTR,
LCTR: VI = VDD = 5.0V
(with the ports PB, PD, PE, PF, PG, PK, PL, PM, PN, PO,
PQ, PR, and PS-PORT set to input mode)
3
µA
IIL1
XIN : VI = VDD = VSS
2.0
5.0
15
µA
IIL2
FMIN, AMIN, HCTR, LCTR: VI = VDD = VSS
4.0
10
30
µA
Input low-level current
IIL3
PA, PB, PD, PE, PF, PG, PH, PI, PK, PL, PM, PN, PO,
PQ, PR, PS-PORT, SNS, HOLD, RESET, HCTR, LCTR:
VI = VSS
(with the ports PB, PD, PE, PF, PG, PK, PL, PM, PN, PO,
PQ, PR, and PS-PORT set to input mode)
3
µA
Hysteresis
VH
PD, PE, PF, PG, PK-PORT, RESET,
LCTR (in period measurement)
0.1VDD
0.2VDD
V
VOH1
PB, PD, PE, PF, PG, PK, PL, PM, PN, PO, PQ, PR,
PS-PORT: IO = -1mA
VDD-1.0
V
VOH2
EO1, EO2: IO = -500µA
VDD-1.0
V
Output high-level voltage
VOH3
XOUT: IO = -200µA
VDD-1.0
V
VOL1
PB, PD, PE, PF, PG, PK, PL, PM, PN, PO, PQ, PR,
PS-PORT: IO = -1mA
1.0
V
VOL2
EO1, EO2: IO = -500µA
1.0
V
VOL3
XOUT : IO = -200µA
1.5
V
Output low-level voltage
VOL4
PJ-PORT : IO = -5mA
2.0
V
IOFF1
PB, PD, PE, PF, PG, PK, PL, PM, PN, PO, PQ, PR,
PS-PORT
-3
+3
µA
IOFF2
EO1, EO2
-100
+100
nA
Output off leakage
current
IOFF3
PJ-PORT
-5
+5
µA
A/D conversion error
ADI0 to ADI7
-1.5
+1.5
LSB
Rejected pulse width
PREJ1
SNS
50
µs
Power down detection
voltage
VDET
2.7
3.0
3.3
V
IDD1
VDD1 : FIN2 = 130MHz Ta = 25°C
5
10
mA
IDD2
VDD1 : FIN2 = 130MHz Ta = 25°C
5.5
11
mA
IDD3
VDD2 : Halt mode Ta = 25°C, X’tal : 4.5 MHz
*1 (Fig. 1)
0.45
mA
IDD4
VDD2 : Halt mode Ta = 25°C, X’tal : 7.2MHz
0.55
mA
IDD5
Backup mode (OSC stopped)
VDD = 5.5V, Ta = 25°C
*2 (Fig. 2)
5
µA
Power supply current
IDD6
Backup mode (OSC stopped)
VDD = 2.5V, Ta = 25°C
*2 (Fig. 2)
1
µA
*1: Twenty instruction steps are executed every millisecond. The PLL, universal counter, and other functions are stopped.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn