Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7767BRUZ Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD7767BRUZ
Description  24-Bit, 8.5 mW, 109 dB, 128/64/32 kSPS ADCs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7767BRUZ Fiches technique(HTML) 3 Page - Analog Devices

  AD7767BRUZ Datasheet HTML 1Page - Analog Devices AD7767BRUZ Datasheet HTML 2Page - Analog Devices AD7767BRUZ Datasheet HTML 3Page - Analog Devices AD7767BRUZ Datasheet HTML 4Page - Analog Devices AD7767BRUZ Datasheet HTML 5Page - Analog Devices AD7767BRUZ Datasheet HTML 6Page - Analog Devices AD7767BRUZ Datasheet HTML 7Page - Analog Devices AD7767BRUZ Datasheet HTML 8Page - Analog Devices AD7767BRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD7767
Rev. 0 | Page 3 of 24
SPECIFICATIONS
AVDD = DVDD = 2.5 V ± 5%, VDRIVE = 1.8 V to 3.6 V, VREF = 5 V, MCLK = 1 MHz, common-mode input = VREF/2, TA = −40°C to +105°C,
unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OUTPUT DATA RATE
AD7767
Decimate by 8
128
kHz
AD7767-1
Decimate by 16
64
kHz
AD7767-2
Decimate by 32
32
kHz
ANALOG INPUT1
Differential Input Voltage
VIN+ − VIN−
±VREF
V p-p
Absolute Input Voltage
VIN+
−0.1
+VREF + 0.1
V
VIN−
−0.1
+VREF + 0.1
V
Common-Mode Input Voltage
VREF/2 − 5%
VREF/2
VREF/2 + 5%
V
Input Capacitance
22
pF
DYNAMIC PERFORMANCE
AD7767
Decimate by 8, ODR = 128 kHz
Dynamic Range2
Shorted inputs
108
109.5
dB
Signal-to-Noise Ratio (SNR)2
Full-scale input amplitude, 1 kHz tone
107
108.5
dB
Spurious Free Dynamic Range (SFDR)2
Full-scale input amplitude, 1 kHz tone
−128
−116
dB
Total Harmonic Distortion (THD)2
Full-scale input amplitude, 1 kHz tone
−118
−105
dB
Tone A = 49.7 kHz, Tone B = 53 kHz
Second-order terms
−133
dB
Intermodulation Distortion (IMD)2
Third-order terms
−109
dB
AD7767-1
Decimate by 16, ODR = 64 kHz
Dynamic Range2
Shorted inputs
111
112.5
dB
Signal-to-Noise Ratio (SNR)2
Full-scale input amplitude, 1 kHz tone
110
111.5
dB
Spurious Free Dynamic Range (SFDR)2
Full-scale input amplitude, 1 kHz tone
−128
−116
dB
Total Harmonic Distortion (THD)2
Full-scale input amplitude, 1 kHz tone
−118
−105
dB
Tone A = 24.7 kHz, Tone B = 25.3 kHz
dB
Second-order terms
−133
dB
Intermodulation Distortion (IMD)2
Third-order terms
−108
dB
AD7767-2
Decimate by 32, ODR = 32 kHz
Dynamic Range2
Shorted inputs
114
115.5
dB
Signal-to-Noise Ratio (SNR)2
Full-scale input amplitude, 1 kHz tone
112
113.5
dB
Spurious Free Dynamic Range (SFDR)2
Full-scale input amplitude, 1 kHz tone
−128
−116
dB
Total Harmonic Distortion (THD)2
Full-scale input amplitude, 1 kHz tone
−118
−105
dB
Tone A = 11.7 kHz, Tone B = 12.3 kHz
dB
Second-order terms
−137
dB
Intermodulation Distortion (IMD)2
Third-order terms
−108
dB
DC ACCURACY1
For all devices
Resolution
No missing codes
24
Bits
Differential Nonlinearity2
Guaranteed monotonic to 24 bits
Integral Nonlinearity2
18-bit linearity
3
±7.6
ppm
Zero Error2
20
μV
Gain Error2
0.0075
0.075
% FS
Zero Error Drift2
15
nV/°C
Gain Error Drift2
0.4
ppm/°C
Common-Mode Rejection Ratio2
50 Hz tone
−110
dB


Numéro de pièce similaire - AD7767BRUZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7767BRUZ AD-AD7767BRUZ Datasheet
1Mb / 25P
   128 kSPS/64 kSPS/32 kSPS ADCs
AD7767BRUZ-1 AD-AD7767BRUZ-1 Datasheet
1Mb / 25P
   128 kSPS/64 kSPS/32 kSPS ADCs
AD7767BRUZ-1-RL7 AD-AD7767BRUZ-1-RL7 Datasheet
1Mb / 25P
   128 kSPS/64 kSPS/32 kSPS ADCs
AD7767BRUZ-2 AD-AD7767BRUZ-2 Datasheet
1Mb / 25P
   128 kSPS/64 kSPS/32 kSPS ADCs
AD7767BRUZ-2-RL7 AD-AD7767BRUZ-2-RL7 Datasheet
1Mb / 25P
   128 kSPS/64 kSPS/32 kSPS ADCs
More results

Description similaire - AD7767BRUZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7766 AD-AD7766_15 Datasheet
1Mb / 25P
   24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
REV. C
AD7767 AD-AD7767_15 Datasheet
2Mb / 25P
   24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
REV. C
AD7766 AD-AD7766_17 Datasheet
1Mb / 25P
   128 kSPS/64 kSPS/32 kSPS ADCs
AD7767 AD-AD7767_17 Datasheet
1Mb / 25P
   128 kSPS/64 kSPS/32 kSPS ADCs
AD7764 AD-AD7764_15 Datasheet
1Mb / 33P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
REV. A
AD7764 AD-AD7764_17 Datasheet
920Kb / 34P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
AD7762 AD-AD7762 Datasheet
591Kb / 28P
   625 kSPS, 24-Bit, 109 dB ADC With On-Chip Buffer
REV. 0
AD7762 AD-AD7762_15 Datasheet
799Kb / 29P
   625 kSPS, 24-Bit, 109 dB Sigma-Delta ADC With On-Chip Buffer
REV. A
AD7763 AD-AD7763 Datasheet
688Kb / 32P
   24-Bit, 625 kSPS, 109 dB 誇-? ADC with On-Chip Buffers, Serial Interface
REV. 0
AD4030-24 AD-AD4030-24_V01 Datasheet
2Mb / 50P
   24-Bit, 2 MSPS/500 kSPS, SAR ADCs
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com