Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7766-1 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD7766-1
Description  24-Bit, 8.5 mW, 109 dB, 128/64/32 kSPS ADCs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7766-1 Fiches technique(HTML) 5 Page - Analog Devices

  AD7766-1 Datasheet HTML 1Page - Analog Devices AD7766-1 Datasheet HTML 2Page - Analog Devices AD7766-1 Datasheet HTML 3Page - Analog Devices AD7766-1 Datasheet HTML 4Page - Analog Devices AD7766-1 Datasheet HTML 5Page - Analog Devices AD7766-1 Datasheet HTML 6Page - Analog Devices AD7766-1 Datasheet HTML 7Page - Analog Devices AD7766-1 Datasheet HTML 8Page - Analog Devices AD7766-1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD7767
Rev. 0 | Page 5 of 24
TIMING SPECIFICATIONS
AVDD = DVDD = 2.5 V ± 5%, VDRIVE = 1.7 V to 3.6 V, VREF = 5 V, common-mode input = VREF/2, TA = −40°C (TMIN) to +105°C (TMAX),
unless otherwise noted 1
Table 3.
Parameter
Limit at TMIN, TMAX
Unit
Description
DRDY Operation
t1
510
ns typ
MCLK rising edge to DRDY falling edge
t22
100
ns min
MCLK high pulse width
t3
900
ns max
MCLK low pulse width
265
ns typ
MCLK rising edge to DRDY rising edge (AD7767)
128
ns typ
MCLK rising edge to DRDY rising edge (AD7767-1)
t4
71
ns typ
MCLK rising edge to DRDY rising edge (AD7767-2)
294
ns typ
DRDY pulse width (AD7767)
435
ns typ
DRDY pulse width (AD7767-1)
t5
492
ns typ
DRDY pulse width (AD7767-2)
tREAD3
DRDY
t
− t5
ns typ
DRDY low period, read data during this period
DRDY
t
3
n × 8 × tMCLK
ns typ
DRDY period
Read Operation
t6
0
ns min
DRDY falling edge to CS setup time
t7
6
ns max
CS falling edge to SDO three-state disabled
60
ns max
Data access time after SCLK falling edge (VDRIVE = 1.7 V)
50
ns max
Data access time after SCLK falling edge (VDRIVE = 2.3 V)
25
ns max
Data access time after SCLK falling edge (VDRIVE = 2.7 V)
t8
24
ns max
Data access time after SCLK falling edge (VDRIVE = 3.0 V)
t9
10
ns min
SCLK falling edge to data valid hold time (VDRIVE = 3.6 V)
t10
10
ns min
SCLK high pulse width
t11
10
ns min
SCLK low pulse width
tSCLK
1/t8
min
Minimum SCLK period
t12
6
ns max
Bus relinquish time after CS rising edge
t13
0
ns min
CS rising edge to DRDY rising edge
Read Operation with CS Low
t14
0
ns min
DRDY falling edge to data valid setup time
t15
0
ns max
DRDY rising edge to data valid hold time
Daisy Chain Operation
t16
1
ns min
SDI valid to SCLK falling edge setup time
t17
2
ns max
SCLK falling edge to SDI valid hold time
SYNC/PD Operation
t18
1
ns typ
SYNC/PD falling edge to MCLK rising edge
t19
20
ns typ
MCLK rising edge to DRDY rising edge going into SYNC/PD
t20
1
ns min
SYNC/PD rising edge to MCLK rising edge
t21
510
ns typ
MCLK rising edge to DRDY falling edge coming out of SYNC/PD
tSETTLING3
592 × (n + 2)
tMCLK
Filter settling time after a reset or power-down
1 Sample tested during initial release to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of DVDD) and timed from a voltage level of 1.7 V.
2 t2 and t3 allow a ~90% to 10% duty cycle to be used for the MCLK input where the minimum is 10% for the clock high time and 90% for MCLK low time. The maximum
MCLK frequency is 1.024 MHz.
3 n = 1 for AD7767, n = 2 for the AD7767-1, n = 4 for the AD7767-2.


Numéro de pièce similaire - AD7766-1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7766 AD-AD7766 Datasheet
483Kb / 18P
   24-Bit, 10mW, 125ksps Analog to Digital Converter in 16 lead TSSOP
Rev. PrD
AD7766 AD-AD7766 Datasheet
1Mb / 25P
   128 kSPS/64 kSPS/32 kSPS ADCs
AD7766BRUZ AD-AD7766BRUZ Datasheet
483Kb / 18P
   24-Bit, 10mW, 125ksps Analog to Digital Converter in 16 lead TSSOP
Rev. PrD
AD7766BRUZ AD-AD7766BRUZ Datasheet
1Mb / 25P
   128 kSPS/64 kSPS/32 kSPS ADCs
AD7766BRUZ-1 AD-AD7766BRUZ-1 Datasheet
483Kb / 18P
   24-Bit, 10mW, 125ksps Analog to Digital Converter in 16 lead TSSOP
Rev. PrD
More results

Description similaire - AD7766-1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7766 AD-AD7766_15 Datasheet
1Mb / 25P
   24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
REV. C
AD7767 AD-AD7767_15 Datasheet
2Mb / 25P
   24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
REV. C
AD7766 AD-AD7766_17 Datasheet
1Mb / 25P
   128 kSPS/64 kSPS/32 kSPS ADCs
AD7767 AD-AD7767_17 Datasheet
1Mb / 25P
   128 kSPS/64 kSPS/32 kSPS ADCs
AD7764 AD-AD7764_15 Datasheet
1Mb / 33P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
REV. A
AD7764 AD-AD7764_17 Datasheet
920Kb / 34P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
AD7762 AD-AD7762 Datasheet
591Kb / 28P
   625 kSPS, 24-Bit, 109 dB ADC With On-Chip Buffer
REV. 0
AD7762 AD-AD7762_15 Datasheet
799Kb / 29P
   625 kSPS, 24-Bit, 109 dB Sigma-Delta ADC With On-Chip Buffer
REV. A
AD7763 AD-AD7763 Datasheet
688Kb / 32P
   24-Bit, 625 kSPS, 109 dB 誇-? ADC with On-Chip Buffers, Serial Interface
REV. 0
AD4030-24 AD-AD4030-24_V01 Datasheet
2Mb / 50P
   24-Bit, 2 MSPS/500 kSPS, SAR ADCs
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com