Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB11683V Fiches technique(PDF) 6 Page - Sanyo Semicon Device

No de pièce LB11683V
Description  Monolithic Digital IC Three-Phase Sensorless Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11683V Fiches technique(HTML) 6 Page - Sanyo Semicon Device

  LB11683V Datasheet HTML 1Page - Sanyo Semicon Device LB11683V Datasheet HTML 2Page - Sanyo Semicon Device LB11683V Datasheet HTML 3Page - Sanyo Semicon Device LB11683V Datasheet HTML 4Page - Sanyo Semicon Device LB11683V Datasheet HTML 5Page - Sanyo Semicon Device LB11683V Datasheet HTML 6Page - Sanyo Semicon Device LB11683V Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LB11683V
No. A0674-6/7
Continued from preceding page.
Pin No.
Symbol
Pin Voltage
Equivalent Circuit Diagram
Description
13
PCOUT
VCO circuit PLL output
14
15
GND
Ground for all other than the output transistor
18
BFGO
Motor counter-electromotive voltage detection
FG output (single-phase only).
Open collector output
19
FC
Frequency characteristics compensation pin.
Insertion of a capacitor between this pin and
ground stops oscillation of the closed loop of
current control system.
16
RD
Lock detection output.
When motor is running: low-level
When motor is locked: high-level
Open collector output
17
CT
Lock protection ON/OFF time setting capacitor
connection pin.
The capacitor connected between this pin and
ground determines the driver ON/OFF time
when the motor is locked.
13
VREG
VCC
18
100
µA
VREG
VREG
1k
10k
5k
19
VCC
16
VREG
15k
25k
VREG
15
µA
1
µA
0.1
µA
17
2S
VCC


Numéro de pièce similaire - LB11683V

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB11683H SANYO-LB11683H Datasheet
101Kb / 7P
   Three-Phase Sensorless Motor Driver
logo
ON Semiconductor
LB11683H ONSEMI-LB11683H Datasheet
95Kb / 7P
   Three-Phase Sensorless Motor Driver
May, 2013
LB11683H ONSEMI-LB11683H Datasheet
95Kb / 7P
   Three-Phase Sensorless Motor Driver
May, 2013
LB11683H-TLM-E ONSEMI-LB11683H-TLM-E Datasheet
95Kb / 7P
   Three-Phase Sensorless Motor Driver
May, 2013
LB11683H-TLM-E ONSEMI-LB11683H-TLM-E Datasheet
95Kb / 7P
   Three-Phase Sensorless Motor Driver
May, 2013
More results

Description similaire - LB11683V

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB11921T SANYO-LB11921T Datasheet
178Kb / 18P
   Monolithic Digital IC Three-Phase Brushless Motor Driver
LB11683H SANYO-LB11683H Datasheet
101Kb / 7P
   Three-Phase Sensorless Motor Driver
logo
ON Semiconductor
LB11683H-TLM-E ONSEMI-LB11683H-TLM-E Datasheet
95Kb / 7P
   Three-Phase Sensorless Motor Driver
May, 2013
LB11683H-TLM-E ONSEMI-LB11683H-TLM-E Datasheet
95Kb / 7P
   Three-Phase Sensorless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11981 SANYO-LB11981 Datasheet
46Kb / 7P
   Three-Phase Sensorless Motor Driver
LB11681H SANYO-LB11681H Datasheet
109Kb / 11P
   Monolithic Digital IC PWM Three-phase Brushless Motor Driver
LB1950V SANYO-LB1950V Datasheet
190Kb / 9P
   Three-Phase Brushless Sensorless Motor Driver
LB1988N SANYO-LB1988N Datasheet
92Kb / 9P
   Three-Phase Sensorless Motor Driver Loading Motor Driver
LB11880 SANYO-LB11880 Datasheet
91Kb / 9P
   Three-Phase Sensorless Motor Driver with Loading Motor Driver
LB1885M SANYO-LB1885M Datasheet
145Kb / 5P
   Three-Phase Bipolar Brushless/Sensorless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com