Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA74308LP Fiches technique(PDF) 10 Page - Sanyo Semicon Device

No de pièce LA74308LP
Description  Monolithic Linear IC Audio Interface for DSC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA74308LP Fiches technique(HTML) 10 Page - Sanyo Semicon Device

Back Button LA74308LP Datasheet HTML 6Page - Sanyo Semicon Device LA74308LP Datasheet HTML 7Page - Sanyo Semicon Device LA74308LP Datasheet HTML 8Page - Sanyo Semicon Device LA74308LP Datasheet HTML 9Page - Sanyo Semicon Device LA74308LP Datasheet HTML 10Page - Sanyo Semicon Device LA74308LP Datasheet HTML 11Page - Sanyo Semicon Device LA74308LP Datasheet HTML 12Page - Sanyo Semicon Device LA74308LP Datasheet HTML 13Page - Sanyo Semicon Device LA74308LP Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LA74308LP
No.A0898-10/16
Description of Pin Functions
Pin No.
Pin Description
1
Speaker input
2
EVR output
3
STANDBY control
4
LINE output
5
LINE MUTE Tr. output
6
C.S. input
7
CLOCK input
8
DATA input
9
GND
10
PB input
11
VCCA
12
REC output
13
ALC detection
14
ALC input
15
2nd order HPF
16
MIC output
17
MIC input
18
INT power supply for MIC
19
Ripple rejection for VREFL
20
SPK GND
21
Speaker positive-phase output
22
VCCSP
23
Speaker negative-phase output
24
SPK GND


Numéro de pièce similaire - LA74308LP

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA74308LP SANYO-LA74308LP Datasheet
204Kb / 16P
   Audio Interface for DSC
LA74308LP SANYO-LA74308LP_08 Datasheet
204Kb / 16P
   Audio Interface for DSC
More results

Description similaire - LA74308LP

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA74303FN SANYO-LA74303FN Datasheet
215Kb / 18P
   Monolithic Linear IC Audio Interface for DSC
LA74302FN SANYO-LA74302FN Datasheet
152Kb / 12P
   Monolithic Linear IC Audio Interface for DSC
LA74310LP SANYO-LA74310LP Datasheet
282Kb / 22P
   Monolithic Linear IC Audio Interface for DSC Video Driver
LA73073CL SANYO-LA73073CL Datasheet
241Kb / 6P
   Monolithic Linear IC Video Driver for DSC
LA73079CL SANYO-LA73079CL Datasheet
80Kb / 6P
   Monolithic Linear IC Video Driver for DSC
LA74308LP SANYO-LA74308LP_08 Datasheet
204Kb / 16P
   Audio Interface for DSC
LA73074CL SANYO-LA73074CL Datasheet
80Kb / 6P
   Monolithic Linear IC Video Driver for DSC/Cell Phone
LA73076V SANYO-LA73076V Datasheet
154Kb / 7P
   Monolithic Linear IC Video Driver for DVC/DSC, Cell Phone
LA74310LP SANYO-LA74310LP_08 Datasheet
227Kb / 22P
   Audio Interface for DSC Video Driver
LA2335M SANYO-LA2335M Datasheet
69Kb / 4P
   Monolithic Linear IC For Audio Equipment Control Transceiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com