Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA42101 Fiches technique(PDF) 5 Page - Sanyo Semicon Device

No de pièce LA42101
Description  Monolithic Linear IC Audio Output for TV application 10W1ch Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA42101 Fiches technique(HTML) 5 Page - Sanyo Semicon Device

  LA42101 Datasheet HTML 1Page - Sanyo Semicon Device LA42101 Datasheet HTML 2Page - Sanyo Semicon Device LA42101 Datasheet HTML 3Page - Sanyo Semicon Device LA42101 Datasheet HTML 4Page - Sanyo Semicon Device LA42101 Datasheet HTML 5Page - Sanyo Semicon Device LA42101 Datasheet HTML 6Page - Sanyo Semicon Device LA42101 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LA42101
No.A0740-5/7
Cautions for us
1. Short-circuit (power-output short-circuit), ground fault (GND-output short-circuit), and load short-circuit protective
circuits are incorporated. They are activated in case of abnormal connection.
These circuits remain active while such abnormal connection continues and is reset automatically when the
abnormality is removed.
In certain conditions, the protective circuits may be locked and continue to be active even when the abnormality is
removed. In this case, either enter the standby mode or turn OFF the power supply.
2. The thermal protection circuit is incorporated and is activated when the junction temperature (Tj) rises to about 160°C
or more. The output is controlled to return gradually to the attenuated state.
3. When the product is used near the maximum rating, even the slightest change in the condition may cause exceeding of
the maximum rating, resulting possibly in breakdown. Take the sufficient margin for the supply voltage, etc. and
always use the product within a range never exceeding the maximum rating.


Numéro de pièce similaire - LA42101

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA42102 SANYO-LA42102 Datasheet
88Kb / 8P
   Monolithic Linear IC Audio Output for TV application 10W 횞 2ch Power Amplifier
LA42105 SANYO-LA42105 Datasheet
80Kb / 7P
   Monolithic Linear IC Audio Output for TV application BTL 5W 횞 1ch Power Amplifier
More results

Description similaire - LA42101

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA42102 SANYO-LA42102 Datasheet
88Kb / 8P
   Monolithic Linear IC Audio Output for TV application 10W 횞 2ch Power Amplifier
LA42105 SANYO-LA42105 Datasheet
80Kb / 7P
   Monolithic Linear IC Audio Output for TV application BTL 5W 횞 1ch Power Amplifier
LA42210 SANYO-LA42210 Datasheet
85Kb / 7P
   Monolithic Linear IC Audio Output for TV application BTL 10W 횞 2ch Power Amplifier
LA42205 SANYO-LA42205 Datasheet
84Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W 횞 2ch Power Amplifier
LA42032 SANYO-LA42032 Datasheet
85Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W 횞 2ch Power Amplifier
LA42152 SANYO-LA42152 Datasheet
192Kb / 5P
   Monolithic Linear IC Audio Output for TV application 15W 횞 2ch Power Amplifier
LA42031 SANYO-LA42031 Datasheet
81Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W Monaural Power Amplifier
LA42201 SANYO-LA42201 Datasheet
74Kb / 6P
   Monolithic Linear IC Audio Output for TV application BTL 20W Monaural Power Amplifier
LA4919N SANYO-LA4919N Datasheet
79Kb / 6P
   Monolithic Linear IC Two-Channel 10W BTL High-Efficiency TV Audio Output Power Amplifier
LA4917H SANYO-LA4917H Datasheet
96Kb / 8P
   Monolithic Linear IC Audio Output for TV application High-Effciency Two-Channel 7W BTL Power Amplifier ICs
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com