Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA42031 Fiches technique(PDF) 2 Page - Sanyo Semicon Device

No de pièce LA42031
Description  Monolithic Linear IC Audio Output for TV application 5W Monaural Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA42031 Fiches technique(HTML) 2 Page - Sanyo Semicon Device

  LA42031 Datasheet HTML 1Page - Sanyo Semicon Device LA42031 Datasheet HTML 2Page - Sanyo Semicon Device LA42031 Datasheet HTML 3Page - Sanyo Semicon Device LA42031 Datasheet HTML 4Page - Sanyo Semicon Device LA42031 Datasheet HTML 5Page - Sanyo Semicon Device LA42031 Datasheet HTML 6Page - Sanyo Semicon Device LA42031 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LA42031
No.A0394-2/7
Electrical Characteristics at Ta
= 25°C, VCC = 9V, RL = 8Ω, f = 1kHz, Rg = 600Ω
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Standby current
Ist
Amplifier OFF
0
10
μA
Quiescent current
ICCO
Rg = 0, RL = OPEN
25
45
90
mA
PO1
THD = 10%
2
3
W
Output power
PO2
VCC = 11V, THD = 10%
5
W
Total harmonic distortion
THD
PO = 1W
0.06
0.2
%
Voltage gain
VG
VO = 0dBm
33
35
37
dB
Output noise voltage
VNO
Rg = 0, BPF = 20Hz to 20kHz
0.2
0.4
mVrms
Ripple rejection ratio
SVRR
Rg = 0, fR = 100Hz, VCCR = 0dBm
40
50
dB
Mute attenuation value
ATT
VO = 1Vrms, BPF = 20Hz to 20kHz
80
90
dB
Mute ON *1
1.7
3.0
V
Mute control voltage (pin 6)
Vmute
Mute OFF
0
0.5
V
Amplifier ON *1
2.5
15
V
Standby control voltage (pin 5)
Vst
Amplifier OFF
0
0.5
V
Input resistance
Ri
21
30
39
k
Ω
*1 : Note that the STANDBY pin (pin 5) and MUTE pin (pin 6) incorporate the anti-static diode and that decrease of the VCC 7 pin potential below that of pin 5/6
causes the current to flow through the diode.
Package Dimensions
unit : mm (typ)
3107B
(10.0)
0.5
(0.8)
2.0
25.6
(
2.0)
3.4
C0.7
1
13
0.4
1.2
1.15
2.4
SANYO : SIP13H
Ambient temperature, Ta – ˚C
Pd max -- Ta
0
2
4
6
8
10
12
14
16
18
--20
0
20
40
15
11.7
5.8
60
80
100
120
140
160
Infinitely large heat sink
No heat sink
100
×100×1.5mm3
50
×50×1.5mm3
θjc=3ºC/W


Numéro de pièce similaire - LA42031

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA42031-E SANYO-LA42031-E Datasheet
89Kb / 7P
   5W Monaural Power Amplifier
More results

Description similaire - LA42031

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA4225 SANYO-LA4225 Datasheet
116Kb / 3P
   Audio Output for TV application 5W Monaural Power Amplifier
LA42201 SANYO-LA42201 Datasheet
74Kb / 6P
   Monolithic Linear IC Audio Output for TV application BTL 20W Monaural Power Amplifier
LA42205 SANYO-LA42205 Datasheet
84Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W 횞 2ch Power Amplifier
LA42032 SANYO-LA42032 Datasheet
85Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W 횞 2ch Power Amplifier
LA42105 SANYO-LA42105 Datasheet
80Kb / 7P
   Monolithic Linear IC Audio Output for TV application BTL 5W 횞 1ch Power Amplifier
LA42102 SANYO-LA42102 Datasheet
88Kb / 8P
   Monolithic Linear IC Audio Output for TV application 10W 횞 2ch Power Amplifier
LA42152 SANYO-LA42152 Datasheet
192Kb / 5P
   Monolithic Linear IC Audio Output for TV application 15W 횞 2ch Power Amplifier
LA42101 SANYO-LA42101 Datasheet
81Kb / 7P
   Monolithic Linear IC Audio Output for TV application 10W 횞 1ch Power Amplifier
LA42210 SANYO-LA42210 Datasheet
85Kb / 7P
   Monolithic Linear IC Audio Output for TV application BTL 10W 횞 2ch Power Amplifier
LA4917H SANYO-LA4917H Datasheet
96Kb / 8P
   Monolithic Linear IC Audio Output for TV application High-Effciency Two-Channel 7W BTL Power Amplifier ICs
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com