Moteur de recherche de fiches techniques de composants électroniques |
|
AM79C864A Fiches technique(PDF) 9 Page - Advanced Micro Devices |
|
AM79C864A Fiches technique(HTML) 9 Page - Advanced Micro Devices |
9 / 51 page AMD P R E L I M I N A R Y 3-11 Am79C864A ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of: TEMPERATURE RANGE C = Commercial (0 °C to +70°C) PACKAGE TYPE K = 120-Plastic Quad Flatpack in TapePak (PQR120) Not Applicable DEVICE NUMBER/DESCRIPTION Am79C864A Physical Layer Controller With Scrambler (PLC-S) AM79C864A AM79C864A K C Valid Combinations Valid Combinations list configurations planned to be supported in volume for this device. Consult the lo- cal AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. KC, KC\W Valid Combinations ALTERNATE PACKAGING OPTION \W = Trimmed and Formed in a tray (PQJ120) \W |
Numéro de pièce similaire - AM79C864A |
|
Description similaire - AM79C864A |