Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA6502 Fiches technique(PDF) 8 Page - Sanyo Semicon Device

No de pièce LA6502
Description  Monolithic Linear IC 5ch driver for CD and DVD Spindle driver : 3-phase linear sensor-less drive BTL 4ch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6502 Fiches technique(HTML) 8 Page - Sanyo Semicon Device

Back Button LA6502 Datasheet HTML 3Page - Sanyo Semicon Device LA6502 Datasheet HTML 4Page - Sanyo Semicon Device LA6502 Datasheet HTML 5Page - Sanyo Semicon Device LA6502 Datasheet HTML 6Page - Sanyo Semicon Device LA6502 Datasheet HTML 7Page - Sanyo Semicon Device LA6502 Datasheet HTML 8Page - Sanyo Semicon Device LA6502 Datasheet HTML 9Page - Sanyo Semicon Device LA6502 Datasheet HTML 10Page - Sanyo Semicon Device LA6502 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
LA6502
No.7816-8/11
Continued from preceding page.
Pin No.
Pin name
Function
Pin voltage
Equivalent circuit
42
AMP1OUT
OP-AMP output pin.
10
OUT1F
BTL-AMP Forward output pin.
9
OUT1R
BTL-AMP Reverse output pin.
31
AMP3IN+
OP-AMP non-inverted input pin.
32
AMP3IN-
OP-AMP inverted input pin.
0V to 5V
33
AMP3OUT
OP-AMP output pin of previous stage.
14
OUT3F
BTL-AMP Forward output pin.
11
OUT3R
BTL-AMP Reverse output pin.
30
AMP4IN+
non-inverted input pin.
0.3V to 5V
29
AMP4IN-
BTL-4ch reference voltage pin
1V to 4V
16
OUT4F
BTL-AMP Forward output pin.
15
OUT4R
BTL-AMP Reverse output pin.
Continued on next page.
5k
Ω
40k
Ω
5V
VCC1VCC2
42
10
9
300
Ω
300
Ω
31
32
5k
Ω
40k
Ω
5V
VCC1
33
14
11
300
Ω
5V
300
Ω
29
30
5k
Ω
40k
Ω
5V
VCC1
15
16


Numéro de pièce similaire - LA6502

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA6500 SANYO-LA6500 Datasheet
31Kb / 3P
   Power Operational Amplifier
LA6500 SANYO-LA6500 Datasheet
85Kb / 4P
   Power Operational Amplifier
logo
ON Semiconductor
LA6500 ONSEMI-LA6500 Datasheet
69Kb / 4P
   Power Operational Amplifier
June, 2013
logo
Sanyo Semicon Device
LA6500 SANYO-LA6500_08 Datasheet
85Kb / 4P
   Power Operational Amplifier
LA6501 SANYO-LA6501 Datasheet
51Kb / 3P
   Power Operational Amplifier
More results

Description similaire - LA6502

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA6570 SANYO-LA6570 Datasheet
324Kb / 3P
   Monolithic Linear IC 5CH Driver (BTL : 4CH, H-Bridge : 1CH) for CD
LA6245P SANYO-LA6245P Datasheet
313Kb / 10P
   Monolithic Linear IC For CD Player 4ch Bridge (BTL) Motor Driver
logo
Panasonic Semiconductor
AN8780SB PANASONIC-AN8780SB Datasheet
38Kb / 3P
   4Ch. Linear Driver IC for CD/CD-ROM
AN8816SB PANASONIC-AN8816SB Datasheet
73Kb / 8P
   4ch. Linear Driver IC for CD/CD-ROM
logo
KEC(Korea Electronics)
KIA6833HF KEC-KIA6833HF Datasheet
247Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT(3-PHASE SPINDLE MOTOR DRIVER FOR CD-ROM/DVD)
logo
NEC
UPD16882 NEC-UPD16882 Datasheet
190Kb / 20P
   MONOLITHIC CD-ROM/DVD-ROM 3-PHASE SPINDLE MOTOR DRIVER
logo
KEC(Korea Electronics)
KIA6831HF KEC-KIA6831HF Datasheet
165Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4CH BTL DRIVER FOR CD PLAYERS)
logo
Rohm
BA5973FP ROHM-BA5973FP Datasheet
137Kb / 7P
   3-channel BTL driver for CD, CD-ROM, DVD, and DVD-ROM
logo
Sanyo Semicon Device
LA6563 SANYO-LA6563 Datasheet
321Kb / 3P
   4CH Bridge (BTL) Driver for CD
logo
Panasonic Semiconductor
AN8819NFB PANASONIC-AN8819NFB Datasheet
116Kb / 11P
   4Ch. Linear Driver IC DC-DC Converter Control for CD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com