Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FW217 Fiches technique(PDF) 3 Page - Sanyo Semicon Device

No de pièce FW217
Description  N-Channel Silicon MOSFET General-Purpose Switching Device
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FW217 Fiches technique(HTML) 3 Page - Sanyo Semicon Device

  FW217 Datasheet HTML 1Page - Sanyo Semicon Device FW217 Datasheet HTML 2Page - Sanyo Semicon Device FW217 Datasheet HTML 3Page - Sanyo Semicon Device FW217 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FW217
No. A0364-3/4
IT10861
0
2
4
6
8
10
1
3
5
7
9
02
13
4
6
513
78
10
911
12
0.01
0.1
23
5 7
23
5 7 1.0
23
5 7 10
23
5 7
0.01
0.1
2
7
5
3
2
1.0
2
7
5
3
IT10862
VDS=10V
ID=6A
1ms
10ms
100ms
DC
operation
IDP=24A
≤10µs
ID=6A
Operation in this
area is limited by RDS(on).
tf
100
7
5
2
2
3
1000
7
5
2
3
0.01
2
7
5
3
2
0.1
7
5
3
2
7
5
3
1.0
10
td(on)
td(off)
t r
IT10859
IT10857
0.01
23
5 7
23
5 7
0.1
1.0
23
5 7
10
0
5
10
15
20
25
30
35
7
2
7
5
3
2
5
3
1.0
0.1
10
VDS=10V
Ta=
--25
°C
IT10858
0
0.2
0.4
0.6
1.0
0.8
1.2
VGS=0V
f=1MHz
Ciss
Coss
Crss
IT10860
VDD=15V
VGS=10V
75
°C
25
°C
7
5
3
7
5
3
2
100
10
0.1
23
5
7
1.0
23
5
7
10
10s
10
2
7
5
5
3
3
0
20
40
60
80
100
120
140
160
0
0.5
1.0
2.5
2.0
1.5
1.8
2.2
IT10863
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
2.0
1.8
0
0.4
0.2
0.6
0.8
2.0
1.8
1.4
1.0
1.2
1.6
IT10864
VGS -- Qg
A S O
SW Time -- ID
Ciss, Coss, Crss -- VDS
yfs -- ID
IS -- VSD
Ta=25
°C
Single pulse
Mounted on a ceramic board (2000mm2 ! 0.8mm)
Total Gate Charge, Qg -- nC
Drain-to-Source Voltage, VDS -- V
Drain Current, ID -- A
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
Diode Forward Voltage, VSD -- V
PD -- Ta
1unit
PD (FET1) -- PD (FET2)
Total
Dissipation
Mounted on a ceramic board (2000mm2 ! 0.8mm), PW
≤10s
Ambient Temperature, Ta --
°C
Mounted on a ceramic board (2000mm2 ! 0.8mm), PW
≤10s
Allowable Power Dissipation (FET2), PD -- W


Numéro de pièce similaire - FW217

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
FW217A SANYO-FW217A Datasheet
347Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
logo
ON Semiconductor
FW217A ONSEMI-FW217A Datasheet
348Kb / 7P
   N-Channel Power MOSFET
FW217A-TL-2W ONSEMI-FW217A-TL-2W Datasheet
348Kb / 7P
   N-Channel Power MOSFET
More results

Description similaire - FW217

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
2SK4119LS SANYO-2SK4119LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device
ECH8621R SANYO-ECH8621R Datasheet
43Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
CPH3441 SANYO-CPH3441 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FW231A SANYO-FW231A Datasheet
44Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FTD8002 SANYO-FTD8002 Datasheet
41Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FTD8007 SANYO-FTD8007 Datasheet
40Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK2624ALS SANYO-2SK2624ALS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FW261 SANYO-FW261_07 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4096LS SANYO-2SK4096LS Datasheet
55Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK3977 SANYO-2SK3977 Datasheet
54Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4122LS SANYO-2SK4122LS Datasheet
51Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com