Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STAC9250 Fiches technique(PDF) 67 Page - Integrated Device Technology

No de pièce STAC9250
Description  TWO-CHANNEL HD AUDIO CODEC WITH MODEM & DUAL DIGITAL MICROPHONE INTERFACES
Download  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9250 Fiches technique(HTML) 67 Page - Integrated Device Technology

Back Button STAC9250 Datasheet HTML 63Page - Integrated Device Technology STAC9250 Datasheet HTML 64Page - Integrated Device Technology STAC9250 Datasheet HTML 65Page - Integrated Device Technology STAC9250 Datasheet HTML 66Page - Integrated Device Technology STAC9250 Datasheet HTML 67Page - Integrated Device Technology STAC9250 Datasheet HTML 68Page - Integrated Device Technology STAC9250 Datasheet HTML 69Page - Integrated Device Technology STAC9250 Datasheet HTML 70Page - Integrated Device Technology STAC9250 Datasheet HTML 71Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 137 page
background image
STAC9250/9251
TWO-CHANNEL HD AUDIO CODEC WITH MODEM & DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
67
STAC9250/9251
V 1.1 102706
TWO-CHANNEL HD AUDIO CODEC WITH MODEM & DUAL DIGITAL MICROPHONE INTERFACES
5.11.7.
DigInPin EAPD
5.11.8.
DigInPin Config
Table 120. DigInPin EAPD Command Verb Format
Verb ID
Payload
Response
Get
F0C
00
See bitfield table
Set1
70C
See bits [7:0] of bitfield table
0000_0000h
Table 121. DigInPin EAPD Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:2]
Rsvd2
R
0x0
Reserved
[1]
Data
RW
0x0
EAPD value reflected on the EAPD pin.
0 = power down external amp;
1 = power up external amp if PwrState <
0x2. If PwrState > = 0x2, Pin47 is Hi-Z.
An external pull-down is required if EAPD
must be low when Pin Widget is powered
down.
[0]
Rsvd1
R
0x0
Reserved
Table 122. DigInPin Config Command Verb Format
Verb ID
Payload
Response
Get
F1C
00
See bitfield table
Set1
71C
See bits [7:0] of bitfield table
0000_0000h
Set2
71D
See bits [15:8] of bitfield table
0000_0000h
Set3
71E
See bits [23:16] of bitfield table
0000_0000h
Set4
71F
See bits [31:24] of bitfield table
0000_0000h


Numéro de pièce similaire - STAC9250

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
STAC9200 IDT-STAC9200 Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
STMicroelectronics
STAC9200 STMICROELECTRONICS-STAC9200 Datasheet
449Kb / 14P
   200 W, 32 V HF to 1.3 GHz LDMOS transistor in a STAC package
logo
Integrated Device Techn...
STAC9200D3NAE IDT-STAC9200D3NAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9200D3TAE IDT-STAC9200D3TAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9200D5NAE IDT-STAC9200D5NAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
More results

Description similaire - STAC9250

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
STAC9204 IDT-STAC9204 Datasheet
2Mb / 213P
   4-CHANNEL HD AUDIO CODEC WITH QUAD DIGITAL MICROPHONE INTERFACE
92HD005 IDT-92HD005 Datasheet
2Mb / 205P
   4-CHANNEL HD AUDIO CODEC WITH QUAD DIGITAL MICROPHONE INTERFACE
logo
Realtek Semiconductor C...
ALC888S-VD REALTEK-ALC888S-VD Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC WITH TWO INDEPENDENT SPDIF OUTPUTS
ALC888S-VD REALTEK-ALC888S-VD_11 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD_11 REALTEK-ALC888S-VD_11_05 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
logo
Samsung semiconductor
S5T8610 SAMSUNG-S5T8610 Datasheet
248Kb / 27P
   DIGITAL CLP MODEM WITH ADPCM CODEC
logo
Analog Devices
AD1983 AD-AD1983 Datasheet
427Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1981HD AD-AD1981HD Datasheet
385Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
logo
NXP Semiconductors
UCB1510 PHILIPS-UCB1510 Datasheet
730Kb / 32P
   AC97 digital modem codec
Rev. 01 - 4 February 2000
logo
Realtek Semiconductor C...
ALC892 REALTEK-ALC892 Datasheet
1Mb / 89P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com