Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AS885DWRE4 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce SN74AS885DWRE4
Description  8-BIT MAGNITUDE COMPARATORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AS885DWRE4 Fiches technique(HTML) 1 Page - Texas Instruments

  SN74AS885DWRE4 Datasheet HTML 1Page - Texas Instruments SN74AS885DWRE4 Datasheet HTML 2Page - Texas Instruments SN74AS885DWRE4 Datasheet HTML 3Page - Texas Instruments SN74AS885DWRE4 Datasheet HTML 4Page - Texas Instruments SN74AS885DWRE4 Datasheet HTML 5Page - Texas Instruments SN74AS885DWRE4 Datasheet HTML 6Page - Texas Instruments SN74AS885DWRE4 Datasheet HTML 7Page - Texas Instruments SN74AS885DWRE4 Datasheet HTML 8Page - Texas Instruments SN74AS885DWRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SN54AS885 . . . JT PACKAGE
SN74AS885 . . . DW OR NT PACKAGE
(TOP VIEW)
SN54AS885 . . . FK PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
L/A
P < QIN
P > QIN
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
GND
VCC
PLE
P7
P6
P5
P4
P3
P2
P1
P0
P < QOUT
P > QOUT
NC – No internal connection
32 1 28 27
12 13
5
6
7
8
9
10
11
25
24
23
22
21
20
19
P6
P5
P4
NC
P3
P2
P1
Q7
Q6
Q5
NC
Q4
Q3
Q2
426
14 15 16 17 18
SN54AS885, SN74AS885
8-BIT MAGNITUDE COMPARATORS
SDAS236A – DECEMBER 1982 – REVISED JANUARY 1995
Copyright
© 1995, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Latchable P-Input Ports With Power-Up
Clear
Choice of Logical or Arithmetic
(Two’s Complement) Comparison
Data and PLE Inputs Utilize pnp Input
Transistors to Reduce dc Loading Effects
Approximately 35% Improvement in
ac Performance Over Schottky TTL While
Performing More Functions
Cascadable to n Bits While Maintaining
High Performance
10% Less Power Than STTL for an 8-Bit
Comparison
Package Options Include Plastic
Small-Outline (DW) Packages, Ceramic
Chip Carriers (FK), and Standard Plastic
(NT) and Ceramic (JT) 300-mil DIPs
description
These advanced Schottky devices are capable of
performing
high-speed
arithmetic
or
logic
comparisons on two 8-bit binary or two’s
complement words. Two fully decoded decisions
about words P and Q are externally available at
two outputs. These devices are fully expandable
to any number of bits without external gates. To
compare words of longer lengths, the P > QOUT
and P < QOUT outputs of a stage handling less
significant bits can be connected to the P > QIN
and P < QIN inputs of the next stage handling
more significant bits. The cascading paths are
implemented with only a two-gate-level delay to
reduce overall comparison times for long words.
Two alternative methods of cascading are shown
in
application information.
The latch is transparent when P latch-enable
(PLE) input is high; the P-input port is latched
when PLE is low. This provides the designer with temporary storage for the P-data word. The enable circuitry
is implemented with minimal delay times to enhance performance when cascaded for longer words. The PLE,
P, and Q data inputs utilize pnp input transistors to reduce the low-level current input requirement to typically
– 0.25 mA, which minimizes dc loading effects.
The SN54AS885 is characterized for operation over the full military temperature range of – 55
°C to 125°C. The
SN74AS885 is characterized for operation from 0
°C to 70°C.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Numéro de pièce similaire - SN74AS885DWRE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AS885DW TI-SN74AS885DW Datasheet
153Kb / 9P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN74AS885DW TI1-SN74AS885DW Datasheet
367Kb / 15P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
More results

Description similaire - SN74AS885DWRE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54AS885 TI1-SN54AS885_15 Datasheet
367Kb / 15P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54HC684 TI-SN54HC684_07 Datasheet
416Kb / 11P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54AS885 TI-SN54AS885 Datasheet
153Kb / 9P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54HC682 TI-SN54HC682 Datasheet
273Kb / 9P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
logo
Motorola, Inc
SN54LS682 MOTOROLA-SN54LS682 Datasheet
216Kb / 6P
   8-BIT MAGNITUDE COMPARATORS
logo
Texas Instruments
SN54HC682 TI-SN54HC682_07 Datasheet
417Kb / 11P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54AS885 TI-SN54AS885_08 Datasheet
527Kb / 18P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54AS866 TI-SN54AS866 Datasheet
115Kb / 7P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
logo
Motorola, Inc
SN74LS689 MOTOROLA-SN74LS689 Datasheet
287Kb / 7P
   8-BIT MAGNITUDE COMPARATORS
logo
Texas Instruments
SN54HC684 TI-SN54HC684_06 Datasheet
283Kb / 9P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com