Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC1648 Fiches technique(PDF) 6 Page - Motorola, Inc

No de pièce MC1648
Description  Voltage Controlled Oscillator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC1648 Fiches technique(HTML) 6 Page - Motorola, Inc

Back Button MC1648 Datasheet HTML 2Page - Motorola, Inc MC1648 Datasheet HTML 3Page - Motorola, Inc MC1648 Datasheet HTML 4Page - Motorola, Inc MC1648 Datasheet HTML 5Page - Motorola, Inc MC1648 Datasheet HTML 6Page - Motorola, Inc MC1648 Datasheet HTML 7Page - Motorola, Inc MC1648 Datasheet HTML 8Page - Motorola, Inc MC1648 Datasheet HTML 9Page - Motorola, Inc MC1648 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MC1648
MOTOROLA
HIPERCOMM
BR1334 — Rev 4
6
Typical transfer characteristics for the oscillator in the
voltage controlled mode are shown in Figure 6, Figure 7 and
Figure 8. Figure 6 and Figure 8 show transfer characteristics
employing only the capacitance of the varactor diode (plus
the input capacitance of the oscillator, 6.0pF typical).
Figure 7 illustrates the oscillator operating in a voltage
controlled mode with the output frequency range limited. This
is achieved by adding a capacitor in parallel with the tank
circuit as shown. The 1.0k
Ω resistor in Figure 6 and Figure 7
is used to protect the varactor diode during testing. It is not
necessary as long as the dc input voltage does not cause the
diode to become forward biased. The larger–valued resistor
(51k
Ω) in Figure 8 is required to provide isolation for the
high–impedance junctions of the two varactor diodes.
The tuning range of the oscillator in the voltage controlled
mode may be calculated as:
f max
f min
+
CD(max) ) CS
CD(min) ) CS
where
f min +
1
2
p L(CD(max) ) CS)
CS = shunt capacitance (input plus external capacitance)
CD = varactor capacitance as a function of bias voltage
Good RF and low–frequency bypassing is necessary on
the power supply pins. (See Figure 2)
Capacitors (C1 and C2 of Figure 4) should be used to
bypass the AGC point and the VCO input (varactor diode),
guaranteeing only dc levels at these points.
For output frequency operation between 1.0MHz and
50MHz a 0.1
µF capacitor is sufficient for C1 and C2. At
higher frequencies, smaller values of capacitance should be
used; at lower frequencies, larger values of capacitance. At
high frequencies the value of bypass capacitors depends
directly upon the physical layout of the system. All bypassing
should be as close to the package pins as possible to
minimize unwanted lead inductance.
The peak–to–peak swing of the tank circuit is set internally
by the AGC circuitry. Since voltage swing of the tank circuit
provides the drive for the output buffer, the AGC potential
directly affects the output waveform. If it is desired to have a
sine wave at the output of the MC1648, a series resistor is
tied from the AGC point to the most negative power potential
(ground if +5.0 volt supply is used, –5.2 volts if a negative
supply is used) as shown in Figure 10.
At frequencies above 100 MHz typ, it may be desirable to
increase the tank circuit peak–to–peak voltage in order to
shape the signal at the output of the MC1648. This is
accomplished by tying a series resistor (1.0k
Ω minimum)
from the AGC to the most positive power potential (+5.0 volts
if a +5.0 volt supply is used, ground if a –5.2 volt supply is
used). Figure 11 illustrates this principle.
APPLICATIONS INFORMATION
The phase locked loop shown in Figure 9 illustrates the
use of the MC1648 as a voltage controlled oscillator. The
figure illustrates a frequency synthesizer useful in tuners for
FM broadcast, general aviation, maritime and landmobile
communications, amateur and CB receivers. The system
operates from a single +5.0Vdc supply, and requires no
internal translations, since all components are compatible.
Frequency generation of this type offers the advantages of
single crystal operation, simple channel selection, and
elimination of special circuitry to prevent harmonic lockup.
Additional features include dc digital switching (preferable
over RF switching with a multiple crystal system), and a
broad range of tuning (up to 150MHz, the range being set by
the varactor diode).
The output frequency of the synthesizer loop is
determined by the reference frequency and the number
programmed at the programmable counter; fout = Nfref. The
channel spacing is equal to frequency (fref).
For additional information on applications and designs for
phase locked–loops and digital frequency synthesizers, see
Motorola Brochure BR504/D, Electronic Tuning Address
Systems, (ETAS).
Figure 10 shows the MC1648 in the variable frequency
mode operating from a +5.0Vdc supply. To obtain a sine wave
at the output, a resistor is added from the AGC circuit (pin 5)
to VEE.
Figure 11 shows the MC1648 in the variable frequency
mode operating from a +5.0Vdc supply. To extend the useful
range of the device (maintain a square wave output above
175Mhz), a resistor is added to the AGC circuit at pin 5 (1.0
kohm minimum).
Figure 12 shows the MC1648 operating from +5.0Vdc and
+9.0Vdc power supplies. This permits a higher voltage swing
and higher output power than is possible from the MECL
output (pin 3). Plots of output power versus total collector
load resistance at pin 1 are given in Figure 13 and Figure 14
for 100MHz and 10MHz operation. The total collector load
includes R in parallel with Rp of L1 and C1 at resonance. The
optimum value for R at 100MHz is approximately 850 ohms.


Numéro de pièce similaire - MC1648

FabricantNo de pièceFiches techniqueDescription
logo
Marki Microwave
MC16-0222SM MARKIMICROWAVE-MC16-0222SM Datasheet
395Kb / 7P
   MMIC 2-22 GHz Directional Coupler
logo
List of Unclassifed Man...
MC16011A-SYR ETC2-MC16011A-SYR Datasheet
341Kb / 9P
   EVERBOUQUET INTERNATIONAL CO., LTD.
MC1602-18 ETC1-MC1602-18 Datasheet
25Kb / 1P
   Standard LCD Module
MC16021E8 ETC2-MC16021E8 Datasheet
610Kb / 10P
   Midas Components Ltd
MC16021E8-SYL ETC2-MC16021E8-SYL Datasheet
610Kb / 10P
   Midas Components Ltd
More results

Description similaire - MC1648

FabricantNo de pièceFiches techniqueDescription
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCSR1280-8 SYNERGY-DCSR1280-8 Datasheet
488Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC1921-5 SYNERGY-MFC1921-5 Datasheet
279Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC8192-5 SYNERGY-MFC8192-5 Datasheet
494Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCMO80210-5 SYNERGY-DCMO80210-5 Datasheet
287Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
logo
Exar Corporation
XR-2209 EXAR-XR-2209 Datasheet
187Kb / 20P
   Voltage-Controlled Oscillator
logo
Z-Communications, Inc
CLV1137 ZCOMM-CLV1137 Datasheet
44Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com